|
FEATURES GENERAL DESCRIPTION
Compliant with DisplayPort Alternate Mode on USB
Type C standard
Compliant with DisplayPort Specification version 1.4
and Embedded DisplayPort (eDP) Specification version
1.4
Support up to 4 Main Link Lanes at 1.62Gbps,2.7Gbps
(HBR), 5.4Gbps (HBR2), or 8.1Gbps (HBR3) link rate
Automotive DP input signal detection and Lane swap
supported for compliance with the USB type C cable
plug orientation switch
AUX CH polarity inversion supported for USB type C
cable plug orientation switch
Adaptive DisplayPort receiver equalization supported
for the compensation of input signal attenuation
Support Fast and full Link Training
Support eDP Authentication: Alternative Scramble Seed
Reset and Alternative Framing
HDMI transmitter compliant with HDMI specification
version 2.0 and DVI specification version 1.0
HDMI transmitter supports up to 6.0Gbps data rate for
video timing of 4Kx2K@60Hz
SCDC supported on HDMI DDC
CEC tunneling over AUX is supported
High-Dynamic-Range (HDR) Static Metadata: HDR10
(SMPTE ST2084), Hybrid Log-Gamma (HLG), Dolby
Vision (SMPTE ST2084) are supported
RGB/YCC444/422 to YCC444/422/420 conversions are
supported, deep color depth up to 16 bit
Progressive 3D video formats supported
HDCP engine compliant with HDCP 2.3 and HDCP 1.4
specification with internal HDCP Keys
HDCP 1.4/2.3 repeater supported
2 USB Type-C ports integrated compliant with USB
Type-C Cable and Connector Specification revision 2.0
Compliant with USB Power Delivery Specification
Revision 3.0, with USB Power Delivery BMC
transceiver integrated on USB Type-C ports
Charge Through function support
Fast Role Swap support
SPDIF/IIS input supported with audio sampling rate up
to 192KHz
On-chip Audio Decoder which support 8 channel Audio
input from DP Rx and output from HDMI Tx, support
LPCM(16/20/24 bit) format with sampling rate up to
192kHz, compressed audio formats (AC3, DTS, DTSHD MA, and Dolby MAT) and HBR audio formats
with frame rate up to 1536kHz
Integrated Ra, Rd and Rp for USB Type-C
Embedded MCU to handle the control logic
Full speed USB billboard module supported with USB
2.0 PHY integrated
Chrontel’s CH7217A is a low-cost, low-power
semiconductor device that translates the DisplayPort
signal to HDMI/DVI through the USB Type-C connector.
This innovative USB Type-C based DisplayPort receiver
with an integrated HDMI Transmitter is specially
designed to target the USB Type-C to HDMI converter,
adapter and dongle device. Through the CH7217A’s
advanced decoding / encoding algorithm, the input
DisplayPort high-speed serialized multimedia data can be
seamlessly converted to HDMI/DVI output.
The CH7217A’s DP/eDP receiver is compliant with the
DisplayPort Specification 1.4 and Embedded DisplayPort
(eDP) Specification version 1.4. With sophisticated
DisplayPort signal detection and the Lane Swap/AUX
polarity inversion logic, the CH7217A supports USB
Type-C cable plug orientation switch. With internal
HDCP key Integrated, the device support HDCP 2.3
specifications. In the device’s receiver block, which
supports four DisplayPort Main Link Lanes input with
data rate running at 1.62Gbps, 2.7Gbps, 5.4Gbps or
8.1Gpbs, and converted the input signal to HDMI output
up to 4Kx2k@60Hz. Leveraging the USB Power
Delivery control logic, the USB billboard module for
USB device indentify and DisplayPort’s unique
source/sink “Link Training” routine, the CH7217A is
capable of instantly bring up the video display to the
HDMI/DVI TV/Monitor when the initialization process is
completed.
The CH7217A also supports up to 8-channel audio input
from either DP Rx or SPDIF/IIS port and output from
HDMI Tx with sample rate up to 192 KHz. Available
audio bandwidth depends on the pixel clock frequency,
the video format timing, and whether or not content
protection re-synchronization is needed.
With sophisticated MCU and the embedded ROM,
CH7217A supports auto-boot and EDID buffer.
Leveraging the firmware auto-loaded from the embedded
ROM, CH7217A supports DP input detection, HDMI
connection detection, and determine to enter into Power
saving mode automatically.
Embedded ROM, integrated EDID Buffer
IIC Slave, USB 2.0 are available for firmware update
IIC slave interface are available for debug
Low power architecture, support Auto Power Saving
mode and low stand-by current
Low power architecture
RoHS compliant and Halogen free package
Offered in 68 pin QFN package
APPLICATION
USB Type C to HDMI 2.0 Adapter/Docking Stations
USB Type-C Monitor/Projector/TV Display
|