công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CH7216A bảng dữ liệu (PDF) - Chrontel, Inc.

CH7216A Datasheet PDF - Chrontel, Inc.
tên linh kiện CH7216A
tải về  CH7216A tải về
kích thước tập tin   222.59 Kbytes
Page   9 Pages
nhà sản xuất  CHRONTEL [Chrontel, Inc.]
Trang chủ  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Giải thích chi tiết về linh kiện CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C

CH7216A Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
CH7216A Datasheet PDF - Chrontel, Inc.

tên linh kiện CH7216A
tải về  CH7216A Click to download

kích thước tập tin   222.59 Kbytes
Page   9 Pages
nhà sản xuất  CHRONTEL [Chrontel, Inc.]
Trang chủ  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Giải thích chi tiết về linh kiện CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C

CH7216A bảng dữ liệu (HTML) - Chrontel, Inc.


CH7216A Thông tin chi tiết sản phẩm

FEATURES GENERAL DESCRIPTION
 Compliant with DisplayPort Alternate Mode on USB
Type C standard
 Compliant with DisplayPort Specification version 1.4
and Embedded DisplayPort (eDP) Specification version
1.4
 Support up to 4 Main Link Lanes at 1.62Gbps,2.7Gbps
(HBR), 5.4Gbps (HBR2), or 8.1Gbps (HBR3) link rate
 Adaptive DisplayPort receiver equalization supported
for the compensation of input signal attenuation
 Support Fast and Full Link Training
 Support eDP Authentication: Alternative Scramble Seed
Reset and Alternative Framing
 HDMI transmitter compliant with HDMI specification
version 2.0 and DVI specification version 1.0
 HDMI transmitter supports up to 6.0Gbps data rate for
video timing of 4Kx2K@60Hz
 SCDC supported on HDMI DDC
 CEC tunneling over AUX is supported
 High-Dynamic-Range (HDR) Static Metadata: HDR10
(SMPTE ST2084), Hybrid Log-Gamma (HLG), Dolby
Vision (SMPTE ST2084) are supported
 RGB/YCC444/422 to YCC444/422/420 conversions are
supported, deep color depth up to 16 bit
 Progressive 3D video formats supported
 HDCP engine compliant with HDCP 2.3 and HDCP 1.4
specification with internal HDCP Keys
 HDCP 1.4/2.3 repeater supported
 USB Type-C port compliant with USB Type-C Cable
and Connector Specification revision 2.0
 Compliant with USB Power Delivery Specification
Revision 3.0, with USB Power Delivery BMC
transceiver integrated on USB Type-C port
 Integrated Ra, Rd and Rp for USB Type-C
 SPDIF/IIS input supported with audio sampling rate up
to 192KHz
 On-chip Audio Decoder which support 8 channel Audio
input from DP Rx and output from HDMI Tx, support
LPCM(16/20/24 bit) format with sampling rate up to
192kHz, compressed audio formats (AC3, DTS, DTSHD MA, and Dolby MAT) and HBR audio formats
with frame rate up to 1536kHz
 Embedded MCU to handle the control logic
 Full speed USB billboard module supported with USB
2.0 PHY integrated
 Embedded ROM, integrated EDID Buffer
 IIC Slave, USB 2.0 are available for firmware update
 IIC slave interface are available for debug
 Low power architecture, support Auto Power Saving
mode and low stand-by current
 RoHS compliant and Halogen free package
 Offered in 68 pin QFN package
Chrontel’s CH7216A is a low-cost, low-power
semiconductor device that translates the DisplayPort
signal to HDMI/DVI through the USB Type-C connector.
This innovative USB Type-C based DisplayPort receiver
with an integrated HDMI Transmitter is specially
designed to target the USB Type-C to HDMI converter,
adapter and dongle device. Through the CH7216A’s
advanced decoding / encoding algorithm, the input
DisplayPort high-speed serialized multimedia data can be
seamlessly converted to HDMI/DVI output.
The CH7216A’s DP/eDP receiver is compliant with the
DisplayPort Specification 1.4 and Embedded DisplayPort
(eDP) Specification version 1.4. With sophisticated
DisplayPort signal detection and the Lane Swap/AUX
polarity inversion logic, the CH7216A supports USB
Type-C cable plug orientation switch. With internal
HDCP key Integrated, the device support HDCP 2.3
specifications. In the device’s receiver block, which
supports four DisplayPort Main Link Lanes input with
data rate running at 1.62Gbps, 2.7Gbps, 5.4Gbps or
8.1Gpbs, and converted the input signal to HDMI output
up to 4Kx2k@60Hz. Leveraging the USB Power
Delivery control logic, the USB billboard module for
USB device indentify and DisplayPort’s unique
source/sink “Link Training” routine, the CH7216A is
capable of instantly bring up the video display to the
HDMI/DVI TV/Monitor when the initialization process is
completed.
The CH7216A also supports up to 8-channel audio input
from either DP Rx or SPDIF/IIS port and output from
HDMI Tx with sample rate up to 192 KHz. Available
audio bandwidth depends on the pixel clock frequency,
the video format timing, and whether or not content
protection re-synchronization is needed.
With sophisticated MCU and the embedded ROM,
CH7216A supports auto-boot and EDID buffer.
Leveraging the firmware auto-loaded from the embedded
ROM, CH7216A supports DP input detection, HDMI
connection detection, and determine to enter into Power
saving mode automatically.
APPLICATION
 USB Type C to HDMI 2.0 cable/Adapter
 On-board DP/eDP to HDMI 2.0 application




Số phần tương tự - CH7216A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Chrontel, Inc.
CH7210C CHRONTEL-CH7210C Datasheet
235Kb / 9P
CH7210C DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.0 2020-7-9
CH7210C-BF CHRONTEL-CH7210C-BF Datasheet
235Kb / 9P
CH7210C DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.0 2020-7-9
CH7211A CHRONTEL-CH7211A Datasheet
269Kb / 9P
CH7211A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.4 2021-5-20
CH7211A-BF CHRONTEL-CH7211A-BF Datasheet
269Kb / 9P
CH7211A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.4 2021-5-20
CH7211A-BFK CHRONTEL-CH7211A-BFK Datasheet
269Kb / 9P
CH7211A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.4 2021-5-20
More results


Mô tả tương tự - CH7216A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
logo
Kinetic Technologies.
STDP2550 KINETIC-STDP2550 Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2600 KINETIC-STDP2600 Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
STDP2650 KINETIC-STDP2650 Datasheet
168Kb / 5P
Advanced DisplayPort to HDMI converter
September 2022 - Revision 03d
logo
Chrontel, Inc.
CH7210C CHRONTEL-CH7210C Datasheet
235Kb / 9P
CH7210C DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.0 2020-7-9
CH7211A CHRONTEL-CH7211A Datasheet
269Kb / 9P
CH7211A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.4 2021-5-20
CH7217A CHRONTEL-CH7217A Datasheet
221Kb / 9P
CH7217A USB Type-C DP Alt Mode to HDMI 2.0 Converter with PD 3.0 Controller
Rev 1.2 2022-12-30
CH7525 CHRONTEL-CH7525 Datasheet
207Kb / 7P
CH7525 4 Lane DisplayPort to HDMI Converter
Rev 1.1 2021-5-11
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com