công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8V49NS0312 bảng dữ liệu (PDF) - Renesas Technology Corp

8V49NS0312 Datasheet PDF - Renesas Technology Corp
tên linh kiện 8V49NS0312
tải về  8V49NS0312 tải về
kích thước tập tin   1649.93 Kbytes
Page   53 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện FemtoClock® NG Clock Generator with 4 Dividers

8V49NS0312 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
8V49NS0312 Datasheet PDF - Renesas Technology Corp

tên linh kiện 8V49NS0312
tải về  8V49NS0312 Click to download

kích thước tập tin   1649.93 Kbytes
Page   53 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện FemtoClock® NG Clock Generator with 4 Dividers

8V49NS0312 bảng dữ liệu (HTML) - Renesas Technology Corp


8V49NS0312 Thông tin chi tiết sản phẩm

Description
The 8V49NS0312 is a Clock Generator with four output dividers:
three integer and one that is either integer or fractional. When used
with an external crystal, the 8V49NS0312 generates
high-performance timing geared towards the communications and
datacom markets, especially for applications that demand extremely
low phase noise, such as 10, 40, and 100GE.
The 8V49NS0312 provides versatile frequency configurations and
output formats and is optimized to deliver excellent phase noise
performance. The device delivers an optimum combination of high
clock frequency and low phase noise performance, combined with
high power supply noise rejection.
The 8V49NS0312 supports two types of output levels: LVPECL or
LVDS on eleven of its outputs. In addition, there is a single LVCMOS
output that has the option of providing a generated clock or acting as
a reference bypass output.
The device can be configured to deliver specific output
configurations under pin control only or additional configurations
through an I2
C serial interface.
It is offered in a lead-free (RoHS6) 64-VFQFPN package.

Features
▪ Eleven differential LVPECL, LVDS outputs with programmable
voltage swings
▪ One LVCMOS output
— Input reference maybe bypassed to this output
▪ The clock input operates in full differential mode (LVDS, LVPECL)
or single-ended LVCMOS mode
▪ Driven from a crystal or differential clock input
▪ 2.4-2.5GHz PLL frequency range supports Ethernet, SONET and
CPRI frequency plans
▪ Four Integer output dividers with a range of output divide ratios
(see Table 7)
▪ One Fractional Output divider can generate any desired output
frequency
▪ Support of output power-down
▪ Excellent clock output phase noise
Offset Output Frequency Single-side Band Phase Noise
100kHz 156.25MHz -143dBc/Hz
▪ Phase Noise RMS, 156.25MHz, 12kHz to 20MHz integration
range: 110fs (maximum)
▪ Select configurations may be controlled via the use of control
input pins without need for serial port access
▪ LVCMOS compatible I2
C serial interface gives access to
additional configurations either alone or in combination with the
control input pins
▪ Single 3.3V supply voltage
▪ Lead-free (RoHS 6) 64-VFQFPN packaging
▪ -40°C to 85°C ambient operating temperature




Số phần tương tự - 8V49NS0312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312 Datasheet
1Mb / 57P
FemtoClock NG Clock Generator with 4 Dividers
8V49NS0312 IDT-8V49NS0312 Datasheet
1Mb / 53P
NG Clock Generator with 4 Dividers
logo
Renesas Technology Corp
8V49NS0312 RENESAS-8V49NS0312 Datasheet
1Mb / 53P
FemtoClock® NG Clock Generator with 4 Dividers
April 24, 2019
logo
Integrated Device Techn...
8V49NS0312NLGI IDT-8V49NS0312NLGI Datasheet
1Mb / 57P
FemtoClock NG Clock Generator with 4 Dividers
8V49NS0312NLGI IDT-8V49NS0312NLGI Datasheet
1Mb / 53P
NG Clock Generator with 4 Dividers
More results


Mô tả tương tự - 8V49NS0312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312 Datasheet
1Mb / 57P
FemtoClock NG Clock Generator with 4 Dividers
8V49NS0312 IDT-8V49NS0312_17 Datasheet
1Mb / 53P
NG Clock Generator with 4 Dividers
logo
Renesas Technology Corp
8V49NS0412 RENESAS-8V49NS0412 Datasheet
1Mb / 57P
FemtoClock® NG Clock Generator with Four Dividers
September 23, 2022
8V49NS1412 RENESAS-8V49NS1412 Datasheet
1Mb / 55P
FemtoClock® NG Clock Generator with Four Dividers
September 28, 2022
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
ICS843N571I RENESAS-ICS843N571I Datasheet
846Kb / 25P
FemtoClock® NG Clock Synthesizer
November 29, 2018
ICS849N2505I RENESAS-ICS849N2505I Datasheet
728Kb / 24P
FemtoClock® NG Clock Synthesizer
OCTOBER 11, 2012
IDT8T49N004I RENESAS-IDT8T49N004I Datasheet
1Mb / 38P
Programmable FemtoClock® NG LVPECL/LVDS Clock Generator with 4-Outputs
2019
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results




Giới thiệu về Renesas Technology Corp


Renesas Technology Corp là một công ty bán dẫn Nhật Bản cung cấp một loạt các bộ vi điều khiển, hệ thống trên chip và các thiết bị tương tự và năng lượng cho các ứng dụng khác nhau trong thị trường ô tô, công nghiệp và tiêu dùng.
Công ty được thành lập vào năm 2010 thông qua việc sáp nhập NEC Electronics Corporation và Renesas Technology Corporation.
Renesas là một trong những nhà cung cấp vi điều khiển lớn nhất thế giới và được biết đến với chuyên môn trong việc phát triển các công nghệ tiên tiến trong các lĩnh vực như Internet of Things (IoT), Trí tuệ nhân tạo (AI) và điện tử ô tô.
Công ty có hoạt động tại hơn 20 quốc gia và các sản phẩm của họ được sử dụng trong một loạt các ứng dụng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com