công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8V49NS0412 bảng dữ liệu (PDF) - Renesas Technology Corp

8V49NS0412 Datasheet PDF - Renesas Technology Corp
tên linh kiện 8V49NS0412
tải về  8V49NS0412 tải về
kích thước tập tin   1948.28 Kbytes
Page   57 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện FemtoClock® NG Clock Generator with Four Dividers

8V49NS0412 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
8V49NS0412 Datasheet PDF - Renesas Technology Corp

tên linh kiện 8V49NS0412
tải về  8V49NS0412 Click to download

kích thước tập tin   1948.28 Kbytes
Page   57 Pages
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Giải thích chi tiết về linh kiện FemtoClock® NG Clock Generator with Four Dividers

8V49NS0412 bảng dữ liệu (HTML) - Renesas Technology Corp


8V49NS0412 Thông tin chi tiết sản phẩm

Description
The 8V49NS0412 is a clock generator with four output dividers:
three integers, and one that is either integer or fractional. When
used with an external crystal, the 8V49NS0412 generates
high-performance timing for the communications and datacom
markets, especially for applications that demand extremely low
phase noise, such as 10GE, 40GE, 100G, and 400GE.
The 8V49NS0412 provides versatile frequency configurations and
output formats, and is optimized to deliver excellent phase noise
performance. The device delivers an optimum combination of high
clock frequency and low phase noise performance, combined with
high power supply noise rejection.
The 8V49NS0412 supports two types of output levels: LVPECL or
LVDS on eleven of its outputs. In addition, the device has a single
LVCMOS output that can provide a generated clock, or act as a
reference bypass output.
The device can be configured to deliver specific configurations
under pin control only, or additional configurations through an I2
C
serial interface by external processor, or an external I2
C EEPROM
to loading the configuration.

Typical Applications
▪ 10G/40G/100/400G Ethernet
▪ Fiber optics
▪ Gigabit Ethernet, Terabit IP switches/routers
▪ CPRI Interfaces

Features
▪ Eleven differential LVPECL and LVDS outputs with
programmable voltage swings
▪ One LVCMOS output: Input reference can be passed to this
output
▪ The clock input operates in full differential mode (LVDS,
LVPECL) or single-ended LVCMOS mode
▪ Driven from a crystal or differential clock input
▪ 2.4–2.5 GHz PLL frequency range supports Ethernet, SONET,
and CPRI frequency plans
▪ Four Integer output dividers with a range of output divide ratios
(see Table 5)
▪ One Fractional output divider can generate any desired output
frequency
▪ Support of output power-down
▪ Excellent clock output phase noise:
Offset Output Frequency Single-side Band Phase Noise
100kHz 156.25MHz -143dBc/Hz
▪ RMS phase noise, 12kHz to 20MHz integration range:
110fs (maximum) at 156.25MHz
▪ Selected configurations can be controlled via the control input
pins without need for serial port access
▪ LVCMOS compatible I2
C serial interface gives access to
additional configuration by external processor or loading the
configuration from an external I2
C EEPROM, or in combination
with the control input pins
▪ Single 3.3V supply voltage
▪ 64-VFQFPN 9  9 mm, lead-free (RoHS 6) package
▪ -40°C to +85°C ambient operating temperature




Số phần tương tự - 8V49NS0412

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
8V49NS0412 RENESAS-8V49NS0412 Datasheet
1Mb / 57P
FemtoClock® NG Clock Generator with Four Dividers
September 23, 2022
8V49NS0412NLGI RENESAS-8V49NS0412NLGI Datasheet
1Mb / 57P
FemtoClock® NG Clock Generator with Four Dividers
September 23, 2022
8V49NS0412NLGI8 RENESAS-8V49NS0412NLGI8 Datasheet
1Mb / 57P
FemtoClock® NG Clock Generator with Four Dividers
September 23, 2022
8V49NS0412 RENESAS-8V49NS0412_V01 Datasheet
1Mb / 57P
FemtoClock® NG Clock Generator with Four Dividers
September 23, 2022
More results


Mô tả tương tự - 8V49NS0412

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
8V49NS0312 IDT-8V49NS0312 Datasheet
1Mb / 57P
FemtoClock NG Clock Generator with 4 Dividers
8V49NS0312 IDT-8V49NS0312_17 Datasheet
1Mb / 53P
NG Clock Generator with 4 Dividers
logo
Renesas Technology Corp
8V49NS1412 RENESAS-8V49NS1412 Datasheet
1Mb / 55P
FemtoClock® NG Clock Generator with Four Dividers
September 28, 2022
8V49NS0312 RENESAS-8V49NS0312 Datasheet
1Mb / 53P
FemtoClock® NG Clock Generator with 4 Dividers
April 24, 2019
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
843001 RENESAS-843001 Datasheet
522Kb / 17P
FemtoClock® NG Crystal-to-3.3V LVPECL Clock Generator
11/16/15
ICS843N571I RENESAS-ICS843N571I Datasheet
846Kb / 25P
FemtoClock® NG Clock Synthesizer
November 29, 2018
ICS849N2505I RENESAS-ICS849N2505I Datasheet
728Kb / 24P
FemtoClock® NG Clock Synthesizer
OCTOBER 11, 2012
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results




Giới thiệu về Renesas Technology Corp


Renesas Technology Corp là một công ty bán dẫn Nhật Bản cung cấp một loạt các bộ vi điều khiển, hệ thống trên chip và các thiết bị tương tự và năng lượng cho các ứng dụng khác nhau trong thị trường ô tô, công nghiệp và tiêu dùng.
Công ty được thành lập vào năm 2010 thông qua việc sáp nhập NEC Electronics Corporation và Renesas Technology Corporation.
Renesas là một trong những nhà cung cấp vi điều khiển lớn nhất thế giới và được biết đến với chuyên môn trong việc phát triển các công nghệ tiên tiến trong các lĩnh vực như Internet of Things (IoT), Trí tuệ nhân tạo (AI) và điện tử ô tô.
Công ty có hoạt động tại hơn 20 quốc gia và các sản phẩm của họ được sử dụng trong một loạt các ứng dụng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com