công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEN-HS8 bảng dữ liệu (PDF) - TRACO Electronic AG

TEN-HS8 Datasheet PDF - TRACO Electronic AG
tên linh kiện TEN-HS8
tải về  TEN-HS8 tải về
kích thước tập tin   925.19 Kbytes
Page   5 Pages
nhà sản xuất  TRACOPOWER [TRACO Electronic AG]
Trang chủ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Giải thích chi tiết về linh kiện TEN 40WIR Series, 40 Watt

TEN-HS8 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TEN-HS8 Datasheet PDF - TRACO Electronic AG

tên linh kiện TEN-HS8
tải về  TEN-HS8 Click to download

kích thước tập tin   925.19 Kbytes
Page   5 Pages
nhà sản xuất  TRACOPOWER [TRACO Electronic AG]
Trang chủ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Giải thích chi tiết về linh kiện TEN 40WIR Series, 40 Watt

TEN-HS8 bảng dữ liệu (HTML) - TRACO Electronic AG


TEN-HS8 Thông tin chi tiết sản phẩm

• 2" x 1" x 0.4" metal package
• Ultra wide 4:1 input voltage range
9–36, 18–75, 43–160 VDC
• EN 50155 approval for railway
applications
• Thermal shock and vibration resistant
according EN 61373
• High efficiency up to 92%
• Operating temperature range
–40°C to +85°C
• Under voltage lock-out circuit
• Remote On/Off and
Output voltage adjustable
• 3-year product warranty




Số phần tương tự - TEN-HS8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRACO Electronic AG
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
1Mb / 1P
Heat Sink
Rev. November 30, 2022
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
995Kb / 5P
TEN 40E Series, 40 Watt
Rev. November 30, 2022
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
881Kb / 5P
TEN 60N Series, 60 Watt
Rev. November 30, 2022
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
928Kb / 4P
TEN 60WIN Series, 60 Watt
Rev. November 30, 2022
More results


Mô tả tương tự - TEN-HS8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRACO Electronic AG
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN20WIR TRACOPOWER-TEN20WIR Datasheet
908Kb / 5P
TEN 20WIR Series, 20 Watt
Rev. December 6, 2022
TEN40 TRACOPOWER-TEN40 Datasheet
947Kb / 6P
TEN 40 Series, 40 Watt
Rev. November 30, 2022
TEN40E TRACOPOWER-TEN40E Datasheet
995Kb / 5P
TEN 40E Series, 40 Watt
Rev. November 30, 2022
TEN40N TRACOPOWER-TEN40N Datasheet
921Kb / 5P
TEN 40N Series, 40 Watt
Rev. November 30, 2022
TEN40WI TRACOPOWER-TEN40WI Datasheet
899Kb / 5P
TEN 40WI Series, 40 Watt
Rev. November 30, 2022
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN40WIN TRACOPOWER-TEN40WIN Datasheet
925Kb / 5P
TEN 40WIN Series, 40 Watt
Rev. November 30, 2022
TEN40WIRH TRACOPOWER-TEN40WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TEQ40WIR TRACOPOWER-TEQ40WIR Datasheet
1,017Kb / 4P
TEQ 40WIR Series, 40 Watt
Rev. March 16, 2023
More results




Giới thiệu về TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com