công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEN-HS8 bảng dữ liệu (PDF) - TRACO Electronic AG

TEN-HS8 Datasheet PDF - TRACO Electronic AG
tên linh kiện TEN-HS8
tải về  TEN-HS8 tải về
kích thước tập tin   928.88 Kbytes
Page   4 Pages
nhà sản xuất  TRACOPOWER [TRACO Electronic AG]
Trang chủ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Giải thích chi tiết về linh kiện TEN 60WIN Series, 60 Watt

TEN-HS8 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TEN-HS8 Datasheet PDF - TRACO Electronic AG

tên linh kiện TEN-HS8
tải về  TEN-HS8 Click to download

kích thước tập tin   928.88 Kbytes
Page   4 Pages
nhà sản xuất  TRACOPOWER [TRACO Electronic AG]
Trang chủ  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Giải thích chi tiết về linh kiện TEN 60WIN Series, 60 Watt

TEN-HS8 bảng dữ liệu (HTML) - TRACO Electronic AG


TEN-HS8 Thông tin chi tiết sản phẩm

• 2" x 1" metal package
• Wide 4:1 input voltage range
9–36, 18–75 VDC
• High efficiency up to 92%
• Adjustable output voltage
• Operating temperature range
–40°C to +85°C
• EN 55032 class A (with external
components)
• Remote On/Off
• Under voltage lockout
• RoHS compliant
• 3-year product warranty




Số phần tương tự - TEN-HS8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRACO Electronic AG
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
1Mb / 1P
Heat Sink
Rev. November 30, 2022
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
995Kb / 5P
TEN 40E Series, 40 Watt
Rev. November 30, 2022
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
925Kb / 5P
TEN 40WIR Series, 40 Watt
Rev. November 30, 2022
TEN-HS8 TRACOPOWER-TEN-HS8 Datasheet
881Kb / 5P
TEN 60N Series, 60 Watt
Rev. November 30, 2022
More results


Mô tả tương tự - TEN-HS8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRACO Electronic AG
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN20WIR TRACOPOWER-TEN20WIR Datasheet
908Kb / 5P
TEN 20WIR Series, 20 Watt
Rev. December 6, 2022
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
TEN40E TRACOPOWER-TEN40E Datasheet
995Kb / 5P
TEN 40E Series, 40 Watt
Rev. November 30, 2022
TEN40WI TRACOPOWER-TEN40WI Datasheet
899Kb / 5P
TEN 40WI Series, 40 Watt
Rev. November 30, 2022
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
TEN60N TRACOPOWER-TEN60N Datasheet
881Kb / 5P
TEN 60N Series, 60 Watt
Rev. November 30, 2022
TEN60WIR TRACOPOWER-TEN60WIR Datasheet
933Kb / 5P
TEN 60WIR Series, 60 Watt
Rev. November 30, 2022
More results




Giới thiệu về TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com