|
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 16, number of rows: 1, number of positions: 16, number of connections: 16, product
range: FKCT 2,5/..-ST, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON
MSTB 2,5, locking: without, mounting: without, type of packaging: packed in cardboard
Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Optimized for tight installation situations: operation and conductor connection from one direction
• Can be combined with the MSTB 2,5 range
|