| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Picker Components |
PCD32
|
342Kb / 3P |
DC Output Solid State Relay
|
|
PCS32
|
245Kb / 2P |
DC Output Solid State Relay
|
|
PCS27-DC
|
241Kb / 2P |
DC Output Solid State Relay
|
|
PCS32
|
1Mb / 3P |
DC Output Solid State Relay
|
 Schneider Electric |
RXG23BD
|
274Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with LED, 24 V DC
Aug 11, 2021 |
|
RXG25BD
|
294Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, clear cover, 24 V DC
Aug 11, 2021 |
|
SSL1A12JDR
|
112Kb / 5P |
Harmony, Solid state slim relay, 2 A, random switching, input 3??2 V DC, output 24...280 V AC
Aug 18, 2021 |
|
SSL1D03JD
|
111Kb / 5P |
Harmony, Solid state slim relay, 3.5 A, DC switching, input 3??2 V DC, output 1...24 V DC
Aug 18, 2021 |
|
ABR7S11
|
94Kb / 2P |
plug-in electromechanical relay - 5 mm - 24 V DC - 1 NO
Aug 9, 2019 |
|
RXG25BD
|
277Kb / 6P |
Harmony, Interface plug-in relay, 5 A, 2 CO, clear cover, 24 V DC
Jan 13, 2022 |