| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
RPF2ABD
|
188Kb / 6P |
Harmony, Power plug-in relay, 30 A, 2 NO, 24 V DC
Aug 9, 2021 |
|
RSB1A120BD
|
149Kb / 6P |
Harmony, Interface plug-in relay, 12 A, 1 CO, 24 V DC
Aug 11, 2021 |
|
RSB1A160BD
|
147Kb / 6P |
Harmony, Interface plug-in relay, 16 A, 1 CO, 24 V DC
Aug 11, 2021 |
|
RXG23BD
|
274Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with LED, 24 V DC
Aug 11, 2021 |
|
RXG25BD
|
294Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, clear cover, 24 V DC
Aug 11, 2021 |
|
CAD50BD
|
149Kb / 3P |
TeSys D control relay - 5 NO - <= 690 V - 24 V DC standard coil
Aug 31, 2021 |
|
CAD503BD
|
137Kb / 3P |
TeSys D control relay - 5 NO - <= 690 V - 24 V DC standard coil
Sep 6, 2021 |
|
CAD506BD
|
147Kb / 3P |
TeSys D control relay - 5 NO - <= 690 V - 24 V DC standard coil
Sep 6, 2021 |
|
ABS7SC1B
|
95Kb / 2P |
plug-in solid state relay - 5 mm - output - 24 V DC - 2 A
Aug 9, 2019 |
|
RXG25BD
|
277Kb / 6P |
Harmony, Interface plug-in relay, 5 A, 2 CO, clear cover, 24 V DC
Jan 13, 2022 |