| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
0797580009
|
42Kb / 1P |
Pre-Crimped Lead Mini-Fit Female-to-Mini-Fit Female Tin Plated, 300mm, 18 AWG
|
|
0797580011
|
40Kb / 1P |
Pre-Crimped Lead SL Female-to-SL Female, 300mm, 22 AWG
|
|
0797581006
|
44Kb / 1P |
Pre-Crimped Lead Pico-Lock Female-to-Pico-Lock Female, 300mm, 30 AWG
|
|
0797581009
|
43Kb / 1P |
Pre-Crimped Lead DuraClik Female-to-DuraClik Female, 300mm, 26 AWG
|
|
0797581010
|
42Kb / 1P |
Pre-Crimped Lead Pico-EZmate Female-to-Pico-EZmate Female, 300mm, 28 AWG
|
|
0797581021
|
42Kb / 1P |
Pre-Crimped Lead Sherlock Female-to-Sherlock Female, 300mm, 26 AWG
|
|
0797582029
|
43Kb / 1P |
Pre-Crimped Lead MLX Male-to-MLX Male, 150mm, 18 AWG
|
|
0797582030
|
43Kb / 1P |
Pre-Crimped Lead MLX Male-to-MLX Male, 300mm, 18 AWG
|
|
0797582031
|
43Kb / 1P |
Pre-Crimped Lead MLX Female-to-MLX Female, 150mm, 18 AWG
|
|
0797582044
|
43Kb / 1P |
Pre-Crimped Lead Sabre Female-to-Sabre Female, 300mm, 16 AWG
|