| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 RF Monolithics, Inc |
SF2173E
|
410Kb / 5P |
2350 MHz SAW Filter
|
 Murata Manufacturing Co... |
SF2173E
|
410Kb / 5P |
2350 MHz SAW Filter
|
 TriQuint Semiconductor |
885069
|
265Kb / 6P |
2350 MHz BAW Filter
|
 TAI-SAW TECHNOLOGY CO.,... |
TA0913B
|
352Kb / 8P |
SAW Filter 2350 MHz
|
|
TA2015A
|
698Kb / 7P |
SAW Filter 2350 MHz (BW 100Hz) SMD 1.1x0.9x0.5mm
|
|
TA2015B
|
727Kb / 7P |
SAW Filter 2350 MHz (BW 100MHz) SMD 1.1X0.9mm
|
|
TA2015C
|
720Kb / 7P |
SAW Filter 2350 MHz (BW 100MHz) SMD 1.1X0.9mm
|
|
TA2015D
|
721Kb / 7P |
SAW Filter 2350 MHz (BW 100MHz) SMD 1.1X0.9mm
|
|
TA2404B
|
1Mb / 11P |
BAW TRX Filter 2350 MHz Band40 SMD 1109(BW=100MHz)
|
 Qorvo, Inc |
885069
|
265Kb / 6P |
2350 MHz BAW Filter
|