| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
0887689910
|
177Kb / 3P |
HDMI*-to-HDMI* Cable Assembly, 30 AWG, 2.0m (6.56) Length
|
|
0887689810
|
176Kb / 3P |
HDMI*-to-HDMI* Cable Assembly, 28 AWG, 2.0m (6.56) Length
|
|
0887689920
|
85Kb / 2P |
HDMI*-to-HDMI* Cable Assembly, 30 AWG, 3.0m (9.84) Length
|
|
0887689900
|
178Kb / 3P |
HDMI*-to-HDMI* Cable Assembly, 30 AWG, 1.0m (3.28) Length
|
|
0887683610
|
278Kb / 5P |
HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 2.0m (6.56) Length
|
|
0687670024
|
34Kb / 1P |
HDMI(M)-to-HDMI(M) Cable Assembly, 30 AWG 2.0m Length, Gold (Au) Plated
|
|
0887689800
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 28 AWG, 1.0m Length
|
|
0887689810
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 28 AWG, 2.0m Length
|
|
0887689820
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 28 AWG, 3.0m Length
|
|
0887689900
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 30 AWG, 1.0m Length
|