| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ASP00886IRGCR Datasheet
# Example questions:
➢ What are some of the communication interfaces supported by this microcontroller?
➢ What are the key power management features highlighted in the document?
➢ How much ram and flash memory are available in the highest configuration of this microcontroller?
# MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers
## 1 Device Overview
Features
️· Low Supply Voltage: 3.6V to 1.8V
️· Ultra-Low Power Consumption
️· 16-bit RISC CPU with extended memory
️· Up to 25-MHz System Clock
️· Integrated USB and PHY
️· 12-bit ADC with internal reference
️· Two USCI interfaces (UART, IrDA, SPI, I2C)
️· Hardware Multiplier
️· DMA Controller
️· RTC with alarm
️· Flexible Power Management System
Applications
️· Analog and Digital Sensor Systems
️· Data Loggers
️· USB Connectivity Applications
Description
The MSP430F552x/551x family of microcontrollers offers ultra-low power consumption and a range of peripherals for various applications. Key features include a 16-bit RISC CPU, integrated USB, ADC, and communication interfaces.
## 2 Functional Block Diagram
(A detailed block diagram showing the interconnection of CPU, memory, peripherals like ADC, USB, timers, USCI, DMA, and RTC is present in the datasheet, but cannot be represented in this text-based summary.)
## 3 Device Information
| Part Number | Package | Body Size |
|---|---|---|
| MSP430F5529PN | LQFP (80) | 12 mm × 12 mm |
| MSP430F5528RGC | VQFN (64) | 9 mm × 9 mm |
| MSP430F5528YFF | DSBGA (64) | 3.5 mm × 3.5 mm |
| MSP430F5528ZQE | MicroStar Junior™BGA(80) | 5 mm × 5 mm |
| MSP430F5522, MSP430F5521, MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514, MSP430F5513 | Various | See Datasheet |
# MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers
## 1 Device Overview
Features
️· Low Supply Voltage: 3.6V to 1.8V
️· Ultra-Low Power Consumption
️· 16-bit RISC CPU with extended memory
️· Up to 25-MHz System Clock
️· Integrated USB and PHY
️· 12-bit ADC with internal reference
️· Two USCI interfaces (UART, IrDA, SPI, I2C)
️· Hardware Multiplier
️· DMA Controller
️· RTC with alarm
️· Flexible Power Management System
Applications
️· Analog and Digital Sensor Systems
️· Data Loggers
️· USB Connectivity Applications
Description
The MSP430F552x/551x family of microcontrollers offers ultra-low power consumption and a range of peripherals for various applications. Key features include a 16-bit RISC CPU, integrated USB, ADC, and communication interfaces.
## 2 Functional Block Diagram
(A detailed block diagram showing the interconnection of CPU, memory, peripherals like ADC, USB, timers, USCI, DMA, and RTC is present in the datasheet, but cannot be represented in this text-based summary.)
## 3 Device Information
| Part Number | Package | Body Size |
|---|---|---|
| MSP430F5529PN | LQFP (80) | 12 mm × 12 mm |
| MSP430F5528RGC | VQFN (64) | 9 mm × 9 mm |
| MSP430F5528YFF | DSBGA (64) | 3.5 mm × 3.5 mm |
| MSP430F5528ZQE | MicroStar Junior™BGA(80) | 5 mm × 5 mm |
| MSP430F5522, MSP430F5521, MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514, MSP430F5513 | Various | See Datasheet |
| Part No. | ASP00886IRGCR |
| Manufacturer | TI1 |
| Size | 2Mb |
| Pages | 128 pages |
| Description | Mixed-Signal Microcontrollers |