công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CCR-53S9C-R bảng dữ liệu(PDF) 6 Page - Teledyne Technologies Incorporated

tên linh kiện CCR-53S9C-R
Giải thích chi tiết về linh kiện  Latching SPDT Coaxial Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELEDYNE [Teledyne Technologies Incorporated]
Trang chủ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-53S9C-R bảng dữ liệu(HTML) 6 Page - Teledyne Technologies Incorporated

  CCR-53S9C-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-53S9C-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-53S9C-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-53S9C-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-53S9C-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-53S9C-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-53S9C-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-53S9C-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-53S9C-R Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CCR-53S/CR-53S Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2015 TELEDYNE COAX SWITCHES
CCR-53S\CR-53S\092015\Q3
Series CCR-53S/CR-53S
Miniature DC–26.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4 .6 .8 1
2
4
6 8 10
18 26.5
STANDARD
SMA
SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9