công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KWHJL531.TE bảng dữ liệu(PDF) 1 Page - OSRAM GmbH

tên linh kiện KWHJL531.TE
Giải thích chi tiết về linh kiện  Automotive Headlamp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWHJL531.TE bảng dữ liệu(HTML) 1 Page - OSRAM GmbH

  KWHJL531.TE Datasheet HTML 1Page - OSRAM GmbH KWHJL531.TE Datasheet HTML 2Page - OSRAM GmbH KWHJL531.TE Datasheet HTML 3Page - OSRAM GmbH KWHJL531.TE Datasheet HTML 4Page - OSRAM GmbH KWHJL531.TE Datasheet HTML 5Page - OSRAM GmbH KWHJL531.TE Datasheet HTML 6Page - OSRAM GmbH KWHJL531.TE Datasheet HTML 7Page - OSRAM GmbH KWHJL531.TE Datasheet HTML 8Page - OSRAM GmbH KWHJL531.TE Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016-11-07
1
2016-11-07
OSLON Black Flat S
Datasheet
Version 1.0
KW HJL531.TE
OSLON Black Flat S is able to meet a wide range of
requirements. The SMT device is very stable, durable
and can be used with standard processes. A new
solder pad layout allows for high reliability and
improved thermal management. The compact chips
not only deliver high light output, they are also
individually addressable with an ensured chip-to-chip
contrast which makes this LED an ideal solution for
Adaptive Driving Beam (ADB).
Die OSLON Black Flat S ist ein Multitalent. Das
besonders robuste SMT Package kann mit
Standardprozessen verarbeitet werden und erfüllt
viele verschiedene Anforderungen. Durch die
optimierte Lötflächengeometrie bietet die LED hohe
Zuverlässigkeit und verbesserte thermische
Performance. Die kompakten Chips sind nicht nur
besonders lichtstark, sondern auch der hohe Kontrast
zwischen und nach jedem LED-chip erlaubt es, die
Einzel-Ansteuerbarkeit für Adaptive Driving Beam
(ADB) Anwendungen zu nutzen.
Features:
Besondere Merkmale:
•
Package: SMD epoxy package
•
Gehäusetyp: SMD Epoxid Gehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.32, Cy = 0.33 acc. to CIE 1931
(ultra white)
•
Farbe: Cx = 0.32, Cy = 0.33 nach CIE 1931 (ultra
weiß)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of IEC60810, Lamps for
road vehicles – Performance requirements –
Requirements and test conditions for LED
packages.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie IEC60810: „Lamps for
road vehicles – Performance requirements –
Requirements and test conditions for LED
packages” getestet.


Số phần tương tự - KWHJL531.TE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
KWH-400 MACOM-KWH-400 Datasheet
291Kb / 4P
KWH-400 DIN Panel Mounted Kilowatt Hour Energy Meter
KWH-400-110 MACOM-KWH-400-110 Datasheet
291Kb / 4P
KWH-400 DIN Panel Mounted Kilowatt Hour Energy Meter
KWH-400-400 MACOM-KWH-400-400 Datasheet
291Kb / 4P
KWH-400 DIN Panel Mounted Kilowatt Hour Energy Meter
logo
OSRAM GmbH
KWH2L531.TE OSRAM-KWH2L531.TE Datasheet
858Kb / 23P
SMD epoxy package
KWH3L531.TE OSRAM-KWH3L531.TE Datasheet
823Kb / 23P
SMD epoxy package
More results

Mô tả tương tự - KWHJL531.TE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
Automotive MLCC Automotive
logo
OSRAM GmbH
LEUWU1A501 OSRAM-LEUWU1A501 Datasheet
2Mb / 18P
OSRAM OSTAR Headlamp Pro
LUWHWQP OSRAM-LUWHWQP Datasheet
861Kb / 24P
Automotive Headlamp
LUWCEUN.CE OSRAM-LUWCEUN.CE Datasheet
764Kb / 23P
AFS Headlamp Systems
LUWCEUP.CE OSRAM-LUWCEUP.CE Datasheet
805Kb / 23P
AFS Headlamp Systems
KWHKL531.TE OSRAM-KWHKL531.TE Datasheet
914Kb / 24P
Automotive Headlamp
KWHLL531.TE OSRAM-KWHLL531.TE Datasheet
940Kb / 24P
Automotive Headlamp
logo
Littelfuse
72100 LITTELFUSE-72100 Datasheet
357Kb / 1P
HEADLAMP PUSH PULL SWITCHES
2019 Rev: 021119
logo
ams AG
LEUWU1A301 AMSCO-LEUWU1A301 Datasheet
1Mb / 20P
OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
LEUWU1A501 AMSCO-LEUWU1A501 Datasheet
1Mb / 20P
OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com