công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A30RBC bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện A30RBC
Giải thích chi tiết về linh kiện  Center Tap Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A30RBC bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  A30RBC Datasheet HTML 1Page - Vishay Siliconix A30RBC Datasheet HTML 2Page - Vishay Siliconix A30RBC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 60073
Revision 01-May-03
www.vishay.com
166
S30R / A30R, S30V / A30V
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
SUBSTRATE
ALUMINA1
SILICON
Thickness (Mils)
10
± 2
14
± 2
Isolation Layer
None
SiO
2 (10,000 Å Min.)
Metallization
Gold (15,000 Å)
Gold (15,000 Å)
Die Size (X)
30 x 30
± 3 MIL
30 x 30
± 3 MIL
Terminations
4 Mils Square Min.
4 Mils Square Min.
Packaging Standard 2" Square Waffle Pack (400 Max. per Package)
DIMENSIONS
1
Alumina has the benefit of the higher thermal conductivity
and superior high frequency characteristics, however the
resistance range is limited by the poorer line resolution
versus silicon, because of the surface finish.
Visual Criteria
MIL-STD-833 Method 2032 Class H
Thermal Shock (MIL-STD-202, Method 107, Test Condition C)
0.05% Max.
∆R/R (0.02% Typical)
High Temperature Exposure (125
°C, 100 Hours in Air)
0.10% Max.
∆R/R (0.07% Typical)
Low Temperature Operation (MIL-PRF-55342 Paragraph 4.7.4)
0.05% Max.
∆R/R (0.025% Typical)
Moisture Resistance (MIL-STD-202 Method 106)
0.25% Max.
∆R/R (0.05% Typical)
Short Time Overload (5 x Rated Power 25
°C, 5 sec.)
0.25% Max.
∆R/R (0.05% Typical)
Resistance Ratio Accuracy
± 2% Standard or ± 0.1 ohm whichever is greater (0.05% available)
Resistive Element
Tamelox®
Termination Pads
Gold
Substrate Material
Silicon or Alumina
T
X
X
Center Tap Chip Resistor
MECHANICAL SPECIFICATIONS
FULL LOT TRACEABILITY TO WAFER LEVEL



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com