| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC9302AT bảng dữ liệu(PDF) 21 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC9302AT bảng dữ liệu(HTML) 21 Page - Silan Microelectronics Joint-stock |
|
21 / 39 page ![]() Silan Semiconductors SC9302 Series HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD Rev: 2.0 2001-11-01 21 • IDD lock operation by the keyboard (2 lock numbers, 3 digits/number at maximum) ---Personal / lock No.1 / Lock No.2 input operation a) Personal code doesn’t exist Stores Personal Code: ST D1 D2 D3 ST * 0 Stores Lock No.1: ST D4 D5 D6 ST * 1 Stores Lock No.2: ST D7 D8 D9 ST * 2 b) Personal code exist Changes Personal Code: ST D1 D2 D3 ST # ST D4 D5 D6 ST * 0 (Old personal code) (New personal code) Changes Lock No.1: ST D1 D2 D3 ST # ST D4 D5 D6 ST * 1 (personal code) (Lock No.1) Changes Lock No.2: ST D1 D2 D3 ST # ST D7 D8 D9 ST * 2 (personal code) (Lock No.2) Changes Personal Code, Lock No.1 and Lock No.2 at one time ST D1 D2 D3 ST # ST D4 D5 D6 ST * 0 (continued) (Old personal code) (New personal code) ST D7 D8 D9 ST # ST D10 D11 D12 ST * 2 (Lock No.1) (Lock No.2) ---Personal / lock No.1 / Lock No.2 cancel operation Cancels Personal Code: ST D1 D2 D3 ST # ST # 0 Cancels Lock No.1: ST D1 D2 D3 ST # ST # 1 Cancels Lock No.2: ST D1 D2 D3 ST # ST # 2 ---Temporary release both of the lock numbers (Lock No.1, Lock No.2): ST D1 D2 D3 ST # Dm Dm+1 Dm+2 Dl…Dn (Personal code) Note: D1~D12=0~9 Dm Dm+1 Dm+2 = 0~9 Dl…Dn = 0~9, *, # • Note: RM: Redial memory SAM: Save dialing memory D1 D2…Dn: 0~9 Dn+1…Dm: 0~9, *, # Dm+1…Dl: 0~9, *, # Dl+1…Dk: 0~9, *, # |