| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MS6720L bảng dữ liệu(PDF) 7 Page - MOSA ELECTRONICS |
|
|
|||||||||||||||||||||||||||||
MS6720L bảng dữ liệu(HTML) 7 Page - MOSA ELECTRONICS |
|
7 / 12 page ![]() MOSA MS6720L Low Cost 3 Stereo Inputs / 4-Channel Outputs Audio Processor REV 2 7/12 www.mosanalog.com BUS INTERFACE Data are transmitted to and from the MCU to the MS6720L via the SDA and SCL. The SDA and SCL make up the BUS interface. It should be noted that pull-up resistors must be connected to the positive supply voltage. SDA (Serial Data Line) Rp Rp SCL (Serial Clock Line) Pull up resistors VDD MCU MS6720L Interface Protocol The format consists of the following •A START condition •A chip address byte including the MS6720L address. (7bits) •The 8 th bit of the byte must be “0”.(write=0, read=1) •MS6720L must always acknowledge the end of each transmitted byte. •A data sequence (N-bytes + Acknowledge) •A STOP condition SCL SDA 1-7 8 9 1-7 8 9 9 8 1-7 S P ADDRESS R / W -- ACK ACK ACK DATA DATA START CONDITION STOP CONDITION Address Code The chip address of the MS6720L is 88H. 1 0 0 0 0 0 1 0 7 bits address MS6720L address W |