công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OVS5MABCR4 bảng dữ liệu(PDF) 13 Page - TT Electronics.

tên linh kiện OVS5MABCR4
Giải thích chi tiết về linh kiện  Low thermal resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MABCR4 bảng dữ liệu(HTML) 13 Page - TT Electronics.

Back Button OVS5MABCR4 Datasheet HTML 5Page - TT Electronics. OVS5MABCR4 Datasheet HTML 6Page - TT Electronics. OVS5MABCR4 Datasheet HTML 7Page - TT Electronics. OVS5MABCR4 Datasheet HTML 8Page - TT Electronics. OVS5MABCR4 Datasheet HTML 9Page - TT Electronics. OVS5MABCR4 Datasheet HTML 10Page - TT Electronics. OVS5MABCR4 Datasheet HTML 11Page - TT Electronics. OVS5MABCR4 Datasheet HTML 12Page - TT Electronics. OVS5MABCR4 Datasheet HTML 13Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
© TT electronics plc
Issue B
11/2016
Page 13
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVS5MxBCR4 Series
Issue
Change Description
Approval
Date
D
Master Page: Changed from Issue C 10/2011 to Issue D 02/2013.
OVS5MBBCR4: Page 1: Changed Typ Luminous Flux from 6 to 8.2
Page 3: Changed Luminous Flux FROM Min=4.9, Typ=6.0, Max=8.2
TO: Min=6.3, Typ=8.2, Max=10.7 Page 4: Removed IV codes H2 (4.9
-5.5) & H3 (5.5-6.3). Added K2 (8.2-9.3) & K3 (9.3-10.7).
OVS5MWBCR4: Page 1: Changed Typ Luminous Flux from 30 to 50.
Page 3: Changed Luminous Flux FROM Min=23.5, Typ=30, Max=39.8
TO: Min=30.6, Typ=50, Max=67.2 Page 5: Removed IV codes P2
(23.5-26.8) & P3 (26.8-30.6). Added R2 (39.8-45.2), R3 (45.2-51.7),
S2 (51.7-59.0) & S3 (59.0-67.2) .
K. Bland / J.
Plaster
2/8/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13