công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE30LPRPAL bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện PE30LPRPAL
Giải thích chi tiết về linh kiện  Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30LPRPAL bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  PE30LPRPAL Datasheet HTML 1Page - Vishay Siliconix PE30LPRPAL Datasheet HTML 2Page - Vishay Siliconix PE30LPRPAL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
101
PE30
Vishay Sfernice
Document Number: 51037
Revision 19-Jul-02
For technical questions, contact sfer@vishay.com
PANEL SEALED VERSION
PE30P - PE30PE
PE : including locating peg
PE30
DBAN SHAFT LOCKING
PE30 LPRP - WITH LOCATING PEG
Tolerance unless otherwise specified ± 0.5
DIMENSIONS in millimeters
CIRCUIT DIAGRAM
a
c
b
cw
(2)
(3)
(1)
8
Ø 19.7
20 max
11.5
12
14 wrench
Thread M10 x 0.75
Ø 6
AC = 16
AM = 25
AL = 50
76°
0.5
2.85
3
b
a
c
R =
5.2
14 wrench
12 wrench
6.5
15
3
12.5
Ø 2
9.2
3
0.8
Flats located
1.5
Ø 1.2
8 ± 0.2
Ø 10.5
Ø 19.7
23 max
15
0.7
9
Thread M10 x 0.75
Flats located
slot 1 x 1.8 deep
Ø 6
AL = 47 ± 0.8
AM = 22 ± 0.8
AC = 13 ± 0.8
Sealing ring
Fully Sealed Container Cermet Potentiometers
Military and Professional Grade
SPECIAL FEATURES
COMMAND SHAFT
Length is measured from the mounting surface to the free
end of the shaft. The screwdriver slot is aligned with the
wiper within ±10°. Special shafts are available, in accordance
to drawings supplied by customers. We recommend that cus-
tomers should not machine shafts, in order to avoid damage.
Bending or torsion of terminals should also be avoided.
PANEL SEALING : PE30 P
The panel sealing device consists of a ring located in a slot
on the potentiometer face. Sealing is obtained by tightening
the ring against the panel when mounting the potentiometer.
LINEARITY
The typical linearity of linear variation law potentiometers
is ±5%. Guaranteed linearity on request. Consult VISHAY.
SHAFT LOCKING : DBAN
The shaft locking device consists of a tapered
nut tightening a slotted notched washer against
both bushing and shaft. DBAN tightening torque
is 200 Ncm, shaft locking torque being 30 Ncm.
DBAN
is
also
available
with
all
special
types.
This device is normally supplied in a separate bag. Can be
pre-mounted on request.
LOCATING PEG : LPRP
Location is obtained by fitting a special washer in
2 holes drilled at 180° in the potentiometer face.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com