| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPMA1002CT5 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MPMA1002CT5 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix |
|
2 / 4 page ![]() MPMA (Divider) www.vishay.com Vishay Dale Thin Film Revision: 03-Nov-15 2 Document Number: 60113 For technical questions, contact: thinfilm@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DIMENSIONS AND IMPRINTING in inches and millimeters DIMENSION INCHES MILLIMETERS MIN. MAX. MIN. MAX. A 0.031 0.040 0.79 1.02 A1 0.001 0.004 0.02 0.10 B 0.105 0.120 2.67 3.05 S 0.071 0.079 1.80 2.00 W 0.015 0.021 0.38 0.54 L 0.083 0.098 2.10 2.50 H 0.047 0.055 1.20 1.40 T 0.005 0.010 0.13 0.25 J 0.0035 0.0059 0.089 0.15 K 0.017 0.022 0.44 0.55 Ø0 8° 0 8° H L W K S B A A1 T J Ø Pin # 1 2 3 MECHANICAL SPECIFICATIONS Resistive Element Tantalum nitride Substrate Material Ceramic Body Molded epoxy Terminals Copper alloy Lead (Pb)-free Option Solder free leads, Ni/Pd/Au plated DERATING CURVE Ambient Temperature °C 0 70 125 155 0 20 40 60 80 100 100 % = 0.2 W ENVIRONMENTAL TESTS ENVIRONMENTAL TEST CONDITIONS SUGGESTED PRODUCT LIMITS ABS/RATIO MAX. VALUES ABS/RATIO High Temperature Exposure < 1 k Ω: MIL-STD-202, 108, 1000 h at 125 °C ± 0.5 %/± 0.5 % ± 0.35 %/± 0.35 % > 1 k Ω: MIL-STD-202, 108, 1000 h at 125 °C ± 0.25 %/± 0.1 % ± 0.02 %/± 0.008 % Temperature Cycling JESD22, JA-104, 1000 cycles at -55 °C to +125 °C ± 0.25 %/± 0.1 % ± 0.1%/± 0.027 % Moisture Resistance MIL-STD-202, 106 ± 0.25 %/± 0.1 % ± 0.03%/± 0.012 % Biased Humidity MIL-STD-202, 103, 1000 h at 85 °C, 85 % RH, 10 % P ± 1.0 %/± 0.5 % ± 0.4 %/± 0.34 % Life < 1 k Ω: MIL-STD-202, 108 at 125 °C, 1000 h ± 0.5 %/± 0.5 % ± 0.35 %/± 0.35 % > 1 k Ω: MIL-STD-202, 108 at 125 °C, 1000 h ± 0.5 %/± 0.1 % ± 0.04 %/± 0.03 % Mechanical Shock MIL-STD-202, 213, condition C ± 0.25 %/± 0.1 % ± 0.03 %/± 0.018 % Vibration MIL-STD-204, 10 Hz to 2 kHz ± 0.25 %/± 0.1 % ± 0.02 %/± 0.047 % Resistance to Soldering Heat MIL-STD-202, 210, condition B ± 0.25 %/± 0.1 % ± 0.13 %/± 0.24 % Electrostatic Discharge < 1 k Ω: AEC-Q200-002 at 500 V human body ± 0.5 % ± 0.50 % > 1 k Ω: AEC-Q200-002 at 1000 V human body ± 0.5 % ± 0.25 % Solderability J-STD-002 method B and B1 Visual Visual Terminal Strength AEC-Q200-006 at 1 kg for 60 s ± 0.25 %/± 0.1 % ± 0.02 %/± 0.018 % Flame Retardance AEC-Q200-001 para 4.0 Visual Visual |