| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L3-R33K-10 bảng dữ liệu(PDF) 6 Page - Superworld Electronics |
|
|
|||||||||||||||||||||||||||||
L3-R33K-10 bảng dữ liệu(HTML) 6 Page - Superworld Electronics |
|
6 / 7 page ![]() Chip Inductors – L3 Series NOTE: Specifications subject to change without notice. Please check our website for latest information. Proprietary and Confidential Document of Superworld 14/08/2017 P6 Material of taping is plastic 9-3. Packaging Quantity Size 201209 201212 Chip/ Reel 4000 2000 Inner Box 20000 10000 Middle Box 100000 50000 Carton 200000 100000 9-4. Tearing Off Force Size Bo(mm) Ao(mm) Ko(mm) P(mm) t(mm) D1(mm) 201212 2.10±0.10 1.28±0.10 1.28±0.10 4.0±0.10 0.22±0.05 1.0±0.10 The force for tearing off cover tape is 15 to 60 grams in the arrow direction under the following conditions. Room Temp (°C) Room Humidity (%) Room atm (hPa) Tearing Speed (mm/min) 5 - 35 45 - 85 860 - 1060 300 |