| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7654ACPZ bảng dữ liệu(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7654ACPZ bảng dữ liệu(HTML) 19 Page - Analog Devices |
|
19 / 28 page ![]() AD7654 Data Sheet Rev. D | Page 18 of 27 SAMPLING RATE (kSPS) 0.1 100 1000 1 10 100 1000 NORMAL IMPULSE 10 1 Figure 22. Power Dissipation vs. Sample Rate CONVERSION CONTROL Figure 23 shows the detailed timing diagrams of the conversion process. The AD7654 is controlled by the signal CNVST, which initiates conversion. Once initiated, it cannot be restarted or aborted, even by the power-down input, PD, until the conversion is complete. The CNVST signal operates independently of the CS and RD signals. BUSY ACQUIRE t2 t1 t3 t4 t5 t6 t7 t8 CONVERT A ACQUIRE CONVERT CONVERT B t12 A0 t14 t15 t13 t11 t10 EOC CNVST MODE Figure 23. Basic Conversion Timing Although CNVST is a digital signal, it should be designed with special care with fast, clean edges and levels, and with minimum overshoot and undershoot or ringing. For applications where the SNR is critical, the CNVST signal should have very low jitter. Some solutions to achieve this are to use a dedicated oscillator for CNVST generation or, at least, to clock it with a high frequency, low jitter clock, as shown in Figure 19. In impulse mode, conversions can be automatically initiated. If CNVST is held low when BUSY is low, the AD7654 controls the acquisition phase and automatically initiates a new conversion. By keeping CNVST low, the AD7654 keeps the conversion process running by itself. Note that the analog input has to be settled when BUSY goes low. Also, at power-up, CNVST should be brought low once to initiate the conversion process. In this mode, the AD7654 may sometimes run slightly faster than the guaranteed limits of 444 kSPS in impulse mode. This feature does not exist in normal mode. DIGITAL INTERFACE The AD7654 has a versatile digital interface; it can be interfaced with the host system by using either a serial or parallel interface. The serial interface is multiplexed on the parallel data bus. The AD7654 digital interface accommodates either 3 V or 5 V logic by simply connecting the OVDD supply pin of the AD7654 to the host system interface digital supply. The two signals CS and RD control the interface. When at least one of these signals is high, the interface outputs are in high impedance. Usually, CS allows the selection of each AD7654 in multicircuit applications and is held low in a single AD7654 design. RD is generally used to enable the conversion result on the data bus. In parallel mode, signal A/B allows the choice of reading either the output of Channel A or Channel B, whereas in serial mode, signal A/B controls which channel is output first. Figure 24 details the timing when using the RESET input. Note the current conversion, if any, is aborted and the data bus is high impedance while RESET is high. t9 RESET DATA BUS BUSY t8 CNVST Figure 24. Reset Timing PARALLEL INTERFACE The AD7654 is configured to use the parallel interface when SER/PAR is held low. Master Parallel Interface Data can be read continuously by tying CS and RD low, thus requiring minimal microprocessor connections. However, in this mode, the data bus is always driven and cannot be used in shared bus applications (unless the device is held in RESET). Figure 25 details the timing for this mode. |