| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90438LPF bảng dữ liệu(PDF) 3 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90438LPF bảng dữ liệu(HTML) 3 Page - fujitsu semiconductor |
|
3 / 58 page ![]() MB90435 Series 3 (Continued) •UART 1 With full-duplex double buffer (8-bit length) Clock asynchronized or clock synchronized serial (extended I/O serial) can be used. • External interrupt circuit (8 channels) A module for starting an extended intelligent I/O service (EI2OS) and generating an external interrupt which is triggered by an external input. • Delayed interrupt generation module Generates an interrupt request for switching tasks. • 8/10-bit A/D converter (8 channels) 8/10-bit resolution can be selectively used. Starting by an external trigger input. Conversion time : 26.3 µs • External bus interface : Maximum address space 16 Mbytes • Package: QFP-100, LQFP-100 * : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc. |