| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41ST87YMX6TR bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87YMX6TR bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 42 page ![]() 17/42 M41ST87Y, M41ST87W Figure 15. Tamper Detect Output Options Figure 16. Basic Tamper Detect Options AI07821 IRQ - Interrupt the processor on tamper User Configuration TPCLR - Clear external RAM on tamper RESET OUT CLR - Clear 128 bytes internal RAM on tamper Time stamp tamper event (to RTC) CLR1EXT TIE1 CLR1 CLR2EXT TIE2 CLR2 (other reset sources) TEB2 TP2 TEB1 TP1 AI07818 TAMPER LO, NORMALLY OPEN TAMPER HI, NORMALLY CLOSED User Configuration TCM X, TPMX IRQ - Interrupt the processor on tamper TP CLR - Clear external RAM on tamper CLR - Clear internal RAM on tamper Time stamp tamper event CLRX EXT TIE X CLRX TAMPER HI, NORMALLY OPEN TAMPER LO, NORMALLY CLOSED Triggering Event Tamper Event Output TCMX, TPMX = 1,1 TCMX, TPMX = 0,0 TCMX, TPMX = 1,0 TCMX, TPMX = 0,1 VCC (VOUT) VCC (VOUT) VCC (VOUT) |