công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE4175 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc.

tên linh kiện PE4175
Giải thích chi tiết về linh kiện  SMC Jack Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4175 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4175_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4175_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4175_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Jack Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 10 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE4175 SMC jack connector with solder attachment for thru hole PCB (.200 inch x .067 inch hole spacing) is
part of our full line of RF components available for same-day shipping. Our SMC jack connector operates up to a maximum
frequency of 10 GHz and offers good VSWR of 1.3:1.
Our SMC jack connector PE4175 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.449 in [11.4 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.004 lbs [1.81 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4175
PE4175 REV 1.1
SMC Jack Connector Solder Attachment Thru Hole
PCB, .200 inch x .067 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4175


Số phần tương tự - PE4175_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE4175 PASTERNACK-PE4175 Datasheet
258Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Mô tả tương tự - PE4175_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE4175 PASTERNACK-PE4175 Datasheet
258Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44127 PASTERNACK-PE44127 Datasheet
235Kb / 3P
SMC Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44124 PASTERNACK-PE44124 Datasheet
298Kb / 3P
SMC Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE4176 PASTERNACK-PE4176 Datasheet
816Kb / 2P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE45147 PASTERNACK-PE45147 Datasheet
350Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Thru Hole PCB
PE4555 PASTERNACK-PE4555_16 Datasheet
318Kb / 3P
MCX Jack Connector Solder Attachment Thru Hole PCB
PE4174 PASTERNACK-PE4174_16 Datasheet
345Kb / 3P
SMB Jack Connector Solder Attachment Thru Hole PCB
PE4176 PASTERNACK-PE4176_16 Datasheet
350Kb / 3P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE4178 PASTERNACK-PE4178_16 Datasheet
353Kb / 4P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4180 PASTERNACK-PE4180_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com