công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3AIPFP bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện TSB41BA3AIPFP
Giải thích chi tiết về linh kiện  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3AIPFP bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button TSB41BA3AIPFP Datasheet HTML 29Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 30Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 31Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 32Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 33Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 34Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 35Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 36Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
crystal selection (continued)
NOTE:
The total frequency variation must be kept below
±100 ppm from nominal with some allowance for
error introduced by board and device variations. Trade-offs between frequency tolerance and
stability may be made as long as the total frequency variation is less than
±100 ppm. For example,
the frequency tolerance of the crystal may be specified at 50 ppm and the temperature tolerance
may be specified at 30 ppm to give a total of 80 ppm possible variation due to the oscillator alone.
Aging also contributes to the frequency variation.
D Load capacitance: For parallel resonant mode crystal circuits, the frequency of oscillation is dependent
upon the load capacitance specified for the crystal. Total load capacitance (CL) is a function of not only the
discrete load capacitors, but also board layout and circuit. It may be necessary to iteratively select discrete
load capacitors until the PCLK output is within specification. It is recommended that load capacitors with
a maximum of
±5% tolerance be used.
As an example, for the OHCI + 41LV03 evaluation module (EVM) which uses a crystal specified for 12-pF
loading, load capacitors (C9 and C10 in Figure 10) of 16 pF each were appropriate for the layout of that particular
board. The load specified for the crystal includes the load capacitors (C9, C10), the loading of the PHY terminals
(CPHY), and the loading of the board itself (CBD). The value of CPHY is typically about 1 pF and CBD is typically
0.8 pF per centimeter of board etch; a typical board can have 3 pF to 6 pF or more. The load capacitors C9 and
C10 combine as capacitors in series so that the total load capacitance is:
C
L +
C9
C10
C9
) C10 )
C
PHY ) CBD
X1
49.152 MHz
IS
X1
CPHY + CBD
X0
C10
C9
Figure 10. Load Capacitance for the TSB41BA3A PHY
NOTE:
The layout of the crystal portion of the PHY circuit is important for obtaining the correct frequency,
minimizing noise introduced into the PHY’s phase lock loop, and minimizing any emissions from
the circuit. The crystal and two load capacitors must be considered as a unit during layout. The
crystal and load capacitors must be placed as close as possible to one another while minimizing
the loop area created by the combination of the three components. Varying the size of the capacitors
may help in this. Minimizing the loop area minimizes the effect of the resonant current (IS) that flows
in this resonant circuit. This layout unit (crystal and load capacitors) must then be placed as close
as possible to the PHY XI and XO terminals to minimize trace lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com