công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE4137 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc.

tên linh kiện PE4137
Giải thích chi tiết về linh kiện  N Female Bulkhead Mount Pressurized Connector Solder Attachment Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4137 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4137 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4137 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4137 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 4 GHz
• Silver Plated Beryllium Copper Contact
• Contact plating according to ASTM-B700
• Pressurized
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4137 type N female bulkhead pressurized connector with solder cup terminal (.640 inch DD hole) is part of our
full line of RF components available for same-day shipping. Our type N female connector operates up to a maximum frequency
of 4 GHz. This type N bulkhead connector allows designers to create external connections on their product enclosures, and
can be used in a variety of other rack mount and panel mount applications.
Our type N female bulkhead connector PE4137 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Dielectric Withstanding Voltage (AC)
1,500
Vrms
.
Mechanical Specifications
Size
Length
1.594 in [40.49 mm]
Width/Dia.
0.812 in [20.62 mm]
.
Weight
0.093 lbs [42.18 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Mount Pressurized Connector Solder Attachment Solder Cup Terminal,
.640 inch DD Hole PE4137
PE4137 REV 2.0
N Female Bulkhead Mount Pressurized Connector Solder
Attachment Solder Cup Terminal, .640 inch DD Hole
RF Connectors Technical Data Sheet
PE4137


Số phần tương tự - PE4137

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE4137 PASTERNACK-PE4137 Datasheet
258Kb / 3P
N Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
More results

Mô tả tương tự - PE4137

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4549 PASTERNACK-PE4549_16 Datasheet
316Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4572 PASTERNACK-PE4572_16 Datasheet
319Kb / 3P
7/16 DIN Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4055 PASTERNACK-PE4055_16 Datasheet
351Kb / 3P
BNC Female Right Angle Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4063 PASTERNACK-PE4063_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4065 PASTERNACK-PE4065_16 Datasheet
355Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4091 PASTERNACK-PE4091_16 Datasheet
355Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal
PE4101 PASTERNACK-PE4101_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4240 PASTERNACK-PE4240_16 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE44896 PASTERNACK-PE44896 Datasheet
344Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, IP67 Unmated
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com