công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HZU6.2 bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện HZU6.2
Giải thích chi tiết về linh kiện  Silicon Epitaxial Planar Zener Diodes for Stabilizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU6.2 bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

Back Button HZU6.2 Datasheet HTML 3Page - Renesas Technology Corp HZU6.2 Datasheet HTML 4Page - Renesas Technology Corp HZU6.2 Datasheet HTML 5Page - Renesas Technology Corp HZU6.2 Datasheet HTML 6Page - Renesas Technology Corp HZU6.2 Datasheet HTML 7Page - Renesas Technology Corp HZU6.2 Datasheet HTML 8Page - Renesas Technology Corp HZU6.2 Datasheet HTML 9Page - Renesas Technology Corp HZU6.2 Datasheet HTML 10Page - Renesas Technology Corp HZU6.2 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HZU Series
Rev.7, Dec. 2002, page 6 of 9
Mark Code
Type
Grade
MarK No.
Type
Grade
Mark No.
Type
Grade
Mark No.
HZU2.0
B
2 • 0
HZU6.2
B1
6 • 2
HZU13
B1
1 3 •
HZU2.2
B
2 • 2
B2
6 • 2
B2
1 3 •
HZU2.4
B
2 • 4
B3
6 • 2
B3
1 3 •
HZU2.7
B1
2 • 7
HZU6.8
B1
6 • 8
HZU15
B1
1 5 •
B2
2 • 7
B2
6 • 8
B2
1 5 •
HZU3.0
B1
3 • 0
B3
6 • 8
B3
1 5 •
B2
3 • 0
HZU7.5
B1
7 • 5
HZU16
B1
1 6 •
HZU3.3
B1
3 • 3
B2
7 • 5
B2
1 6 •
B2
3 • 3
B3
7 • 5
B3
1 6 •
HZU3.6
B1
3 • 6
HZU8.2
B1
8 • 2
HZU18
B1
1 8 •
B2
3 • 6
B2
8 • 2
B2
1 8 •
HZU3.9
B1
3 • 9
B3
8 • 2
B3
1 8 •
B2
3 • 9
HZU9.1
B1
9 • 1
HZU20
B1
2 0 •
HZU4.3
B1
4 • 3
B2
9 • 1
B2
2 0 •
B2
4 • 3
B3
9 • 1
B3
2 0 •
B3
4 • 3
HZU10
B1
1 0 •
HZU22
B1
2 2 •
HZU4.7
B1
4 • 7
B2
1 0 •
B2
2 2 •
B2
4 • 7
B3
1 0 •
B3
2 2 •
B3
4 • 7
HZU11
B1
1 1 •
HZU24
B1
2 4 •
HZU5.1
B1
5 • 1
B2
1 1 •
B2
2 4 •
B2
5 • 1
B3
1 1 •
B3
2 4 •
B3
5 • 1
HZU12
B1
1 2 •
HZU27
B
2 7 •
HZU5.6
B1
5 • 6
B2
1 2 •
HZU30
B
3 0 •
B2
5 • 6
B3
1 2 •
HZU33
B
3 3 •
B3
5 • 6
HZU36
B
3 6 •
Notes: 1. Example of Marking
(1) One grade type (B)
(2) Two grade type (B1,B2)
Upper
(3) Three grade type (B1,B2,B3)
30
•
3•0
HZU30B
HZU3.0B1
3
•0
HZU3.0B2
4•3
HZU4.3B1
4•3
HZU4.3B3
4
•3
HZU4.3B2
2
•0
HZU2.0B
Center
Lower
2. The grade B type includes from B1 min. to B3 (or B2) max.
3. B grade is standard and has better delivery, These are marked one of B1, B2, B3.
4. Type No. is as follows; HZU2.0B, HZU2.2B, ••• HZU36B. (B grade)
5. Type No. is as follows; HZU2.7B1, HZU2.7B2, ••• HZU24B3. (B 1, B2,B3 grade)



Html Pages

1 2 3 4 5 6 7 8 9 10 11