| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT86192 bảng dữ liệu(PDF) 26 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86192 bảng dữ liệu(HTML) 26 Page - Holtek Semiconductor Inc |
|
26 / 39 page ![]() HT86XXX Rev. 1.70 26 May 6, 2004 The TMR0C is the Timer/Event Counter 0 control regis- ter, which defines the Timer/Event Counter 0 options. The Timer/Event Counter 1 has the same options as the Timer/Event Counter 0 and is defined by TMR1C. The timer/event counter control registers define the op- erating mode, counting enable or disable and active edge. The TM0, TM1 bits define the operating mode. The event count mode is used to count external events, which implies that the clock source comes from an ex- ternal (TMR0/TMR1 is connected to PC4/PC5) pin. The timer mode functions as a normal timer with the clock source coming from the instruction clock. The pulse width measurement mode can be used to count the high or low level duration of an external signal (TMR0/TMR1). The counting method is based on the in- struction clock. In the event count or timer mode, once the timer/event counter starts counting, it will count from the current contents in the timer/event counter to FFFFH. Once an overflow occurs, the counter is reloaded from the timer/event counter preload register and generates a corresponding interrupt request flag (T0F/T1F; bit 5/6 of INTC) at the same time. In the pulse width measurement mode with the TON and TE bits equal to one, once the TMR0/TMR1 has re- ceived a transient from low to high (or high to low; if the TE bit is 0) it will start counting until the TMR0/TMR1 re- turns to the original level and resets TON. The mea- sured result will remain in the timer/event counter even if the activated transient occurs again. In other words, only one cycle measurement can be done. When TON is set again, the cycle measurement will function again as long as it receives further transient pulses. Note that, in this operating mode, the timer/event counter starts counting not according to the logic level but according to the transient edges. In the case of counter overflows, the counter is reloaded from the timer/event counter preload register and issues the interrupt request just like in the other two modes. To enable the counting operation, the Timer ON bit (TON; bit 4 of TMR0C/TMR1C) should be set to 1. In the pulse width measurement mode, TON will be cleared automatically after the measurement cycle is complete. But in the other two modes TON can only be reset by in- struction. The overflow of the timer/event counter is one of the wake-up sources. No matter what the operation mode is, writinga0to ET0I/ET1I can disable the corre- sponding interrupt service. In the case of a Timer/Event Counter OFF condition, writing data to the timer/event counter preload register will also reload that data to the timer/event counter. But if the timer/event counter is turned on, data written to the timer/event counter will only be kept in the timer/event counter preload register. The timer/event counter will continue to operate until an overflow occurs. When the timer/event counter (reading TMR0H/ TMR1H) is read, the clock will be blocked to avoid er- rors. As this may result in a counting error, this must be taken into consideration by the programmer. Timer Counter 2 The timer counter TMR2 is also a 16-bit programmable count-up counter. It operates in the same manner as Timer/Event Counter 0/1, but the clock source of TMR2 is from only internal instruction cycle (T1). Therefore only (TM1,TM0)=(1,0) is allowable. S y s t e m C l o c k / 4 T M 1 T M 0 T M R 0 T M R 1 T E T M 1 T M 0 T O N P u l s e W i d t h M e a s u r e m e n t M o d e C o n t r o l T i m e r / E v e n t C o u n t e r 0 / 1 P r e l o a d R e g i s t e r T i m e r / E v e n t C o u n t e r 0 / 1 L o w B y t e B u f f e r D a t a B u s R e l o a d O v e r f l o w t o I n t e r r u p t Timer/Event Counter 0/1 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |