công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE4119 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc.

tên linh kiện PE4119
Giải thích chi tiết về linh kiện  SMA Female Bulkhead Mount Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4119 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4119 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4119 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4119 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• PE-SR405AL, PE-SR405FL, RG405 Interface Type
• Solder/Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.5:1
• Gold Plated Beryllium Copper Contact
• 50 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4119 SMA female bulkhead connector with solder/solder attachment for PE-SR405AL, PE-SR405FL and
RG405 (.235 inch D hole) is part of our full line of RF components available for same-day shipping. Our SMA female connector
operates up to a maximum frequency of 12.4 GHz and offers good VSWR of 1.5:1. This SMA bulkhead connector allows
designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and
panel mount applications.
Our SMA female bulkhead connector PE4119 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.5:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
750
Vrms
.
Mechanical Specifications
Size
Length
0.748 in [19 mm]
Width/Dia.
0.433 in [11.00 mm]
.
Weight
0.013 lbs [5.9 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Mount Connector Solder Attachment for PE-SR405AL, PE-SR405FL,
RG405, .235 inch D Hole PE4119
PE4119 REV 1.1
SMA Female Bulkhead Mount Connector Solder Attachment
for PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
RF Connectors Technical Data Sheet
PE4119


Số phần tương tự - PE4119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE4119 PASTERNACK-PE4119 Datasheet
292Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
More results

Mô tả tương tự - PE4119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE4549 PASTERNACK-PE4549_16 Datasheet
316Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4101 PASTERNACK-PE4101_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4120 PASTERNACK-PE4120_16 Datasheet
378Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4419 PASTERNACK-PE4419_16 Datasheet
354Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4422 PASTERNACK-PE4422_16 Datasheet
322Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4427 PASTERNACK-PE4427_17 Datasheet
471Kb / 5P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4524 PASTERNACK-PE4524_16 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4529 PASTERNACK-PE4529_16 Datasheet
319Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4536 PASTERNACK-PE4536_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com