công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2CL80KV/0.1A bảng dữ liệu(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

tên linh kiện 2CL80KV/0.1A
Giải thích chi tiết về linh kiện  High Voltage Medium Current Standard Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Trang chủ  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL80KV/0.1A bảng dữ liệu(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL80KV/0.1A Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL80KV/0.1A Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL80KV/0.1A
100mA80kV
High Voltage Medium Current Standard Rectifiers
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-08 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier assembly is
made of high quality glass passivated chip and
high reliability epoxy resin sealing structure,
and through professional testing equipment
inspection qualified after to customers.
FEATURES:
1. High reliability design.
2. High voltage design.
3. Power frequency ratio.
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. Power doubler circuit.
2. Power supply of laser equipment .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 7.2 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVS-080960H
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
80
kV
Average Forward Current Maximum
IFAVM
TA=40°C
100
mA
Suege Current
IFSM
TA=25°C; Half-Sine Wave; 8.3mS
3.0
A
Junction Temperature
TJ
125
°C
Allowable Operation Case Temperature
Tc
-40~+125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at IF(AV)
96
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF


Số phần tương tự - 2CL80KV/0.1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GETAI ELECTRONICS DEVIC...
2CL80KV/0.2A GETEDZ-2CL80KV/0.2A Datasheet
511Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CL80KV/0.5A GETEDZ-2CL80KV/0.5A Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
More results

Mô tả tương tự - 2CL80KV/0.1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GETAI ELECTRONICS DEVIC...
2CL100KV-0.1 GETEDZ-2CL100KV-0.1_17 Datasheet
511Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CL100KV-0.2A GETEDZ-2CL100KV-0.2A_17 Datasheet
511Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG80KV-0.1A GETEDZ-2CLG80KV-0.1A Datasheet
521Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG100KV-0.1A GETEDZ-2CLG100KV-0.1A Datasheet
520Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG100KV-0.2A GETEDZ-2CLG100KV-0.2A Datasheet
520Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG20KV-0.1A GETEDZ-2CLG20KV-0.1A Datasheet
527Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG30KV-0.1A GETEDZ-2CLG30KV-0.1A Datasheet
528Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG40KV-0.1A GETEDZ-2CLG40KV-0.1A Datasheet
520Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG40KV-0.2A GETEDZ-2CLG40KV-0.2A Datasheet
521Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG50KV-0.2A GETEDZ-2CLG50KV-0.2A Datasheet
521Kb / 2P
High Voltage Medium Current Standard Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com