| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM93LC66IGSA bảng dữ liệu(PDF) 2 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AM93LC66IGSA bảng dữ liệu(HTML) 2 Page - Anachip Corp |
|
2 / 10 page ![]() 4096-bits Serial Electrically Erasable PROM AM93LC66 Anachip Corp. www.anachip.com.tw Rev. A1 Oct 20, 2003 2/10 ATC Block Diagrams INSTRUCTION REGISTER (11 BITS) INSTRUCTION DECODE CONTROL AND CLOCK GENERATION DATA REGISTER ADDRESS REGISTER V CC RANGE DETECTOR WRITE ENABLE DUMMY BIT R/W AMPS DECODER HIGH VOLTAGE GENERATOR EEPROM ARRAY (256 X 16) OR (512 X 8) DI CS SK DO ORG Absolute Maximum Ratings Characteristics Symbol Values Unit Storage Temperature TS -65 to + 125 °C Voltage with Respect to Ground -0.3 to + 6.5 V NOTE:These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the part. Prolonged exposure to maximum ratings may affect device reliability. Operating Conditions Temperature under bias Values Unit AM93LC66 0 to + 70 °C AM93LC66I -40 to + 85 °C AM93LC66V -40 to +125 °C DC Electrical Characteristics (Vcc =2.7~5.5V, Ta = 25oC , unless otherwise noted) Parameter Symbol Conditions Min Max Units Operating current** ICC CS=VIH, SK=1MHz CMOS input levels 3 mA Standby current ISB CS=DI=SK=0V 10 µA Input leakage IIL VIN = 0V to VCC(CS,SK,DI) -1 1 µA Output leakage IOL VOUT = 0V to VCC, CS=0V -1 1 µA VCC = 3V + 10% -0.1 0.15 VCC Input low voltage** VIL VCC = 5V + 10% -0.1 0.8 V VCC = 3V + 10% 0.8 VCC VCC +0.2 Input high voltage** VIH VCC = 5V + 10% 2 VCC+0.2 V Output low voltage VOL1 IOL = 2.1mA TTL, VCC=5V + 10% 0.4 V Output high voltage VOH1 IOH = -400uA TTL, VCC=5V + 10% 2.4 V Output low voltage IOL = 10uA CMOS 0.2 V Output high voltage VOL2 IOH = -10uA CMOS VCC -0.2 V Note **: ICC , VIL min and VIH max are for reference only and are not tested |