| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9925BBCZ bảng dữ liệu(PDF) 86 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZ bảng dữ liệu(HTML) 86 Page - Analog Devices |
|
86 / 96 page ![]() AD9925 Rev. A | Page 86 of 96 Table 73. Field 5 Register Map Address Data Bit Content Default Value Register Name Register Description F8 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [21:18] [22] [23] X X X X X X X X X X X X VSEQSEL0_5 SWEEP0_5 MULTI0_5 VSEQSEL1_5 SWEEP1_5 MULTI1_5 VSEQSEL2_5 SWEEP2_5 MULTI2_5 VSEQSEL3_5 SWEEP3_5 MULTI3_5 Selected Vertical Sequence for Region 0. Select Sweep Region for Region 0. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 0. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 1. Select Sweep Region for Region 1. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 1. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 2. Select Sweep Region for Region 2. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 2. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 3. Select Sweep Region for Region 3. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 3. 0 = No Multiplier, 1 = Multiplier. F9 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [23:18] X X X X X X X X X VSEQSEL4_5 SWEEP4_5 MULTI4_5 VSEQSEL5_5 SWEEP5_5 MULTI5_5 VSEQSEL6_5 SWEEP6_5 MULTI6_5 UNUSED Selected Vertical Sequence for Region 4. Select Sweep Region for Region 4. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 4. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 5. Select Sweep Region for Region 5. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 5. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 6. Select Sweep Region for Region 6. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 6. 0 = No Multiplier, 1 = Multiplier. Unused. FA [11:0] [23:12] X X SCP1_5 SCP2_5 Vertical Sequence Change Position No.1 for Field 5. Vertical Sequence Change Position No.2 for Field 5. FB [11:0] [23:12] X X SCP3_5 SCP4_5 Vertical Sequence Change Position No.3 for Field 5. Vertical Sequence Change Position No.4 for Field 5. FC [11:0] [23:12] X X VDLEN_5 HDLAST_5 VD Field Length (Number of Lines) for Field 5. HD Line Length (Number of Pixels) for Last Line in Field 5. FD [3:0] [9:4] [21:10] [22] X X X X VPATSECOND_5 SGMASK_5 SGPATSEL_5 HDLAST13_5 Selected Second Vertical Pattern Group for VSG Active Line. Masking of VSG Outputs during VSG Active Line. Selection of VSG Patterns for Each VSG Output. MSB for 13-Bit Last Line Length FE [11:0] [23:12] X X SGLINE1_5 SGLINE2_5 VSG Active Line 1. VSG Active Line 2. (If No Second Line Is Needed, Set to Same as Line 1 or Maximum). FF [11:0] [23:12] X X SCP5_5 SCP6_5 Vertical Sequence Change Position No.5 for Field 5. Vertical Sequence Change Position No.6 for Field 5. |