| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95128-MN3G bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-MN3G bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 39 page ![]() M95256, M95128 22/39 DC AND AC PARAMETERS This section summarizes the operating and mea- surement conditions, and the DC and AC charac- teristics of the device. The parameters in the DC and AC Characteristic tables that follow are de- rived from tests performed under the Measure- ment Conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parame- ters. Table 8. Operating Conditions (M95xxx) Table 9. Operating Conditions (M95xxx-W) Note: 1. This product is under development. For more information, please contact your nearest ST sales office. Table 10. Operating Conditions (M95xxx-R) Note: 1. This product is under development. For more information, please contact your nearest ST sales office. Symbol Parameter Min. Max. Unit VCC Supply Voltage 4.5 5.5 V TA Ambient Operating Temperature (Device Grade 6) –40 85 °C Ambient Operating Temperature (Device Grade 3) –40 125 °C Symbol Parameter Min. Max. Unit VCC Supply Voltage 2.5 5.5 V TA Ambient Operating Temperature (Device Grade 6) –40 85 °C Ambient Operating Temperature (Device Grade 3)1 –40 125 °C Symbol Parameter Min. 1 Max. 1 Unit VCC Supply Voltage 1.8 5.5 V TA Ambient Operating Temperature –40 85 °C |