công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24C01-WDS3TP/G bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện M24C01-WDS3TP/G
Giải thích chi tiết về linh kiện  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-WDS3TP/G bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button M24C01-WDS3TP/G Datasheet HTML 15Page - STMicroelectronics M24C01-WDS3TP/G Datasheet HTML 16Page - STMicroelectronics M24C01-WDS3TP/G Datasheet HTML 17Page - STMicroelectronics M24C01-WDS3TP/G Datasheet HTML 18Page - STMicroelectronics M24C01-WDS3TP/G Datasheet HTML 19Page - STMicroelectronics M24C01-WDS3TP/G Datasheet HTML 20Page - STMicroelectronics M24C01-WDS3TP/G Datasheet HTML 21Page - STMicroelectronics M24C01-WDS3TP/G Datasheet HTML 22Page - STMicroelectronics M24C01-WDS3TP/G Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19/29
M24C16, M24C08, M24C04, M24C02, M24C01
Table 17. AC Characteristics (M24Cxx-R)
Note: 1. For a reSTART condition, or following a Write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
4. 100kHz clock frequency is offered on the standard device. 400kHz clock frequency is offered on new products bearing the Process
Identification letter “W” or “G” on the package, as described in Table 24..
Test conditions specified in Table 8. and Table 7.
Symbol
Alt.
Parameter
Min.
Max.
Min.4
Max.4
Unit
fC
fSCL
Clock Frequency
100
400
kHz
tCHCL
tHIGH
Clock Pulse Width High
4000
600
ns
tCLCH
tLOW
Clock Pulse Width Low
4700
1300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
20
300
ns
tDXCX
tSU:DAT
Data In Set Up Time
250
100
ns
tCLDX
tHD:DAT
Data In Hold Time
0
0
ns
tCLQX
tDH
Data Out Hold Time
200
200
ns
tCLQV 3
tAA
Clock Low to Next Data Valid (Access
Time)
200
3500
200
900
ns
tCHDX 1
tSU:STA
Start Condition Set Up Time
4700
600
ns
tDLCL
tHD:STA
Start Condition Hold Time
4000
600
ns
tCHDH
tSU:STO
Stop Condition Set Up Time
4000
600
ns
tDHDL
tBUF
Time between Stop Condition and
Next Start Condition
4700
1300
ns
tW
tWR
Write Time
10
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com