| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS4984 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS4984 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 29 page ![]() TS4984 Package Mechanical Data 28/29 5 Package Mechanical Data 5.1 Dimensions of QFN16 package 5.2 Footprint recommended data * The Exposed Pad is connected to Ground. * * The Exposed Pad is connected to Ground. * DIMENSIONS REF mm MIN. TYP. MAX. A A1 A3 b D D2 E E2 e K L r 0.9 1.0 0.8 0.02 0.05 0.20 0.25 0.30 0.18 4.0 2.6 2.1 4.0 2.6 2.1 0.50 0.2 0.40 0.50 0.30 0.11 3.85 3.85 4.15 4.15 DIMENSIONS REF mm MIN. TYP. MAX. A A1 A3 b D D2 E E2 e K L r 0.9 1.0 0.8 0.02 0.05 0.20 0.25 0.30 0.18 4.0 2.6 2.1 4.0 2.6 2.1 0.50 0.2 0.40 0.50 0.30 DIMENSIONS REF mm MIN. TYP. MAX. DIMENSIONS REF mm MIN. TYP. MAX. A A1 A3 b D D2 E E2 e K L r 0.9 1.0 0.8 0.02 0.05 0.20 0.25 0.30 0.18 4.0 2.6 2.1 4.0 2.6 2.1 0.50 0.2 0.40 0.50 0.30 0.11 3.85 3.85 4.15 4.15 FOOTPRINT DATA mm A B C D E F G0.22 5.0 5.0 0.5 0.35 0.45 2.70 FOOTPRINT DATA mm A B C D E F G0.22 5.0 5.0 0.5 0.35 0.45 2.70 C B A E D F G C B A E D F G |