| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1801Z bảng dữ liệu(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1801Z bảng dữ liệu(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 42 page ![]() SOLOMON Rev 1 .1 01/2003 SSD1801 Series 28 X2, X1 Display State 1, 0 (Cursor Mode) 1, 1 (Blinking Mode) 0, 0 0, 1 Figure 19 - Display Attributes Set DD/ CGRAM Address Before writing/ reading data into/ from the RAM, set the address by RAM address set instruction. Next, when data are written/ read in succession, the address is automatically increased by1. After accessing 7Fh, the address is 00h. Table 9 - DD/ CGRAM Address Mapping ADDRESS 0 1 2 3 4 5 6 7 8 9 A B C D E F 00H DDRAM LINE 1 (00H - 0FH) 10H DDRAM LINE 2 (10H - 1FH) 20H DDRAM LINE 3 (20H - 2FH) 30H DDRAM LINE 4 (30H - 3FH) 40H CGRAM (PATTERN 0) CGRAM (PATTERN 1) 50H CGRAM (PATTERN 2) CGRAM (PATTERN 3) 60H CGRAM (PATTERN 4) CGRAM (PATTERN 5) 70H CGRAM (PATTERN 6) CGRAM (PATTERN 7) |