| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSC100 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSC100 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() Applications The SSC100 is ideal for remote monitoring and control applications such as FC-AL storage enclosure management. The SSC100 may be used to implement a complete SCSI Enclosure Services (SES) or SAF-TE solution in Fibre Channel JBODs, RAID subsystems and servers. The embedded firmware capabilities of the SSC100 allow storage system architects to differentiate their products via firmware. Software Development Kit (SDK) is provided by Vitesse to accelerate the development of firmware Personality Modules. Multiple SSC100s may be used in fully redundant, dual loop applications with the use of a flexible heartbeat mechanism. Architecture System Level Integration (SLI) techniques were used to create a complete system on a chip. The SSC100 integrates a RISC embedded processor, high performance Fibre Channel protocol engine, a gigahertz transceiver and memory to create an embedded system for enclosure management. The SSC100 includes three, I 2C serial interface bus master controllers. These controllers may be used to interface to off-the-shelf instrumentation and control devices commonly used in environmental monitoring and management applications such as Vitesse's SSC050/055 Backplane Controller. The SSC100 requires off chip memory for firmware code storage. Most applications will use flash memory devices for non-volatile storage. Static RAM may be added for higher performance applications. The SSC100 has four external chip selects each with a one-megabyte address range. Two RS-232 serial ports provide assist firmware debug. One port is dedicated to in circuit emulation for the embedded processor. The second port implements a XMODEM connection for additional debug and firmware download. Firmware downloads are also supported via Fibre Channel. Software The software designed to execute on the SSC100 determines the characteristics of the overall enclosure management solution. Most enclosure management applications will be unique to a customer's individual product. The SSC100 firmware architecture uses a Personality Module with captures the unique functionality required by a particular application. Vitesse provides a Software Development Kit (SDK) to customers to assist their development of their Personality Module. The SDK includes software to implement a FC transport and SES diagnostic environment. In addition, the SDK also includes a System Services module with provides APIs to the peripheral functionality (interrupts, timers etc.) in the SSC100. The System Services also includes driver libraries for popular I 2C devices such as National's LM75. For More Information: www.vitesse.com email:prodinfo@vitesse.com TEL: 1-800-VITESSE FAX: 805/987-5896 Vitesse Semiconductor Corporation reserves the right to make changes in its products, specifications or other information at any time without prior notice. Therefore the reader is cautioned to confirm that this datasheet is current prior to placing any orders. The company assumes no responsibility for any circuitry described other than circuitry entirely embodied in a Vitesse product. (Version 1.0) © 2000 Vitesse Semiconductor Corporation, All Rights Reserved. 32 Bit Timer Fibre Channel Core General Purpose I/O RISC Engine Interface Serial ICE 1024x32 SRAM Memory Interface General Purpose UART Interrupt Control Interface Bus Interface Unit I2C Interface SSC100 Block Diagram I2C I2C Transport Diagnostic Interface Personality Module System Services SDK Firmware Block Diagram |