| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMP30-130 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMP30-130 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() SMP30-xxx 2/8 Standard Peak Surge Voltage (V) Voltage Waveform (µs) Required peak current (A) Current Waveform (µs) Minimum serial resistor to meet standard ( Ω) GR-1089 Core First level 2500 1000 2/10 10/1000 500 100 2/10 10/1000 20 24 GR-1089 Core Second level 5000 2/10 500 2/10 40 GR-1089 Core Intra-building 1500 2/10 100 2/10 0 ITU-T-K20 / K21 6000 1500 10/700 150 37.5 5/310 110 0 ITU-T-K20 (IEC61000-4-2) 6000 8000 1/60 ns ESD contact discharge ESD air discharge 0 0 VDE0433 4000 2000 10/700 100 50 5/310 60 10 VDE0878 4000 2000 1.2/50 100 50 1/20 18 0 IEC61000-4-5 4000 4000 10/700 1.2/50 100 100 5/310 8/20 60 18 FCC Part 68, lightning surge type A 1500 800 10/160 10/560 200 100 10/160 10/560 26 15 FCC Part 68, lightning surge type B 1000 9/720 25 5/320 0 IN COMPLIANCES WITH THE FOLLOWING STANDARDS Symbol Parameter VRM Stand-off voltage IRM Leakage current at VRM VR Continuous reverse voltage VBR Breakdown voltage VBO Breakover voltage IH Holding current IBO Breakover current IPP Peak pulse current C Capacitance ELECTRICAL CHARACTERISTICS (Tamb = 25°C) Symbol Parameter Value Unit Rth (j-a) Junction to ambient with recommended footprint 120 °C/W Rth (j-l) Junction to leads 30 °C/W THERMAL RESISTANCES |