| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRFPS38N60LPBF. bảng dữ liệu(PDF) 9 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFPS38N60LPBF. bảng dữ liệu(HTML) 9 Page - International Rectifier |
|
9 / 9 page ![]() IRFPS38N60L www.irf.com 9 Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 02/03 Super TO-247AC package is not recommended for Surface Mount Application. SUPER TO-247AC Package Outline Dimensions are shown in millimeters (inches) B Ø 1.60 [.063] 12 0.25 [.010] B A 3 0.13 [.005] 2.35 [.092] 1.65 [.065] 2.15 [.084] 1.45 [.058] 5.50 [.216] 4.50 [.178] E E 3X 1.60 [.062] 1.45 [.058] 16.10 [.632] 15.10 [.595] 20.80 [.818] 19.80 [.780] 14.80 [.582] 13.80 [.544] 4.25 [.167] 3.85 [.152] 5.45 [.215] 1.30 [.051] 0.70 [.028] 13.90 [.547] 13.30 [.524] 16.10 [.633] 15.50 [.611] 4 0.25 [.010] BA 4 3.00 [.118] 2.00 [.079] A 2X R MAX. SECTION E-E 2X 1.30 [.051] 1.10 [.044] 3X 1. DIMENS IONINGAND TOLERANCING PER ASME Y14.5M-1994. 2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES] 3. CONTROLLING DIMENSION: MILLIMETER NOTES: 4. OUTLINE CONFORMS TO JEDEC OUTLINE TO-274AA 3 - SOURCE 2 - DRAIN 1 - GATE 4 - DRAIN 3 - EMITTER 4 - COLLECTOR 1 - GATE 2 - COLLECTOR LEAD ASSIGNMENTS MOS FET IGBT C |