| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRFIZ48VPBF bảng dữ liệu(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFIZ48VPBF bảng dữ liệu(HTML) 8 Page - International Rectifier |
|
8 / 8 page ![]() IRFIZ48V 8 www.irf.com Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.01/01 PA R T N U M B E R IN T E RN A T IO NAL R E C T IF IE R L O G O D A T E CO DE (YYW W ) YY = YE A R WW = WE E K ASSE M B L Y L O T C O D E E401 92 45 IR FI84 0G E X A M P L E : T H IS IS A N IR F I8 4 0 G W ITH A S S E M B L Y L O T C O D E E 4 0 1 A Part Marking Information TO-220 Fullpak Package Outline TO-220 Fullpak Outline Dimensions are shown in millimeters (inches) L E AD ASS IG NM E N TS 1 - G A TE 2 - D R A IN 3 - S O U R C E NO TES: 1 DIM E NS IO NIN G & TO L E RAN C IN G P E R A N S I Y 1 4.5M , 1982 2 CONTROLL IN G DIM E NS IO N: IN C H . D C A B MIN IMU M C R E E P A GE D IS TA N C E BETW E EN A -B -C -D = 4.80 (.189) 3X 2.85 (.112) 2.65 (.104) 2.80 (.110) 2.60 (.102) 4.80 (.189) 4.60 (.181) 7.10 (.280) 6.70 (.263) 3.40 (.133) 3.10 (.123) ø - A - 3.70 (.145) 3.20 (.126) 1.15 (.045) M IN . 3.30 (.130) 3.10 (.122) - B - 0.90 (.035) 0.70 (.028) 3X 0.25 (.010) M A M B 2.54 (.100) 2X 3X 13.70 (.540) 13.50 (.530) 16.00 (.630) 15.80 (.622) 1 2 3 10.60 (.417) 10.40 (.409) 1.40 (.05 5) 1.05 (.04 2) 0.48 (.019) 0.44 (.017) |