công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS0142AT bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện AS0142AT
Giải thích chi tiết về linh kiện  CMOS Digital Image Sensor and Signal Processor Stack Chip
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0142AT bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  AS0142AT Datasheet HTML 1Page - ON Semiconductor AS0142AT Datasheet HTML 2Page - ON Semiconductor AS0142AT Datasheet HTML 3Page - ON Semiconductor AS0142AT Datasheet HTML 4Page - ON Semiconductor AS0142AT Datasheet HTML 5Page - ON Semiconductor AS0142AT Datasheet HTML 6Page - ON Semiconductor AS0142AT Datasheet HTML 7Page - ON Semiconductor AS0142AT Datasheet HTML 8Page - ON Semiconductor AS0142AT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
© Semiconductor Components Industries, LLC, 2016
December, 2016 − Rev. P0
1
Publication Order Number:
AS0142AT/D
AS0142AT
Advance Information
1/4-Inch 1.0 Mp Color CMOS
Digital Image Sensor and
Signal Processor Stack
Chip
Features
• Latest 3.0 mm pixel with ON Semiconductor DR−Pix™
technology
• Superior Low−light Performance
• 45 fps at 1.0 MP, 60 fps at 720p
• Linear or High Dynamic Range Video
• Color Processing Optimized for HDR Video Operation
• Color and Gamma Correction
• Auto Exposure, Auto White Balance, 50/60 Hz Auto
Flicker Detection and Avoidance
• Adaptive Local Tone Mapping (ALTM)
• Programmable Spatial Transform Engine (STE)
• Pre−rendered Graphical Overlay
♦ Line and Arc support
♦ 191 characters from UTF−8/Unicode
♦ 64 user−defined characters
• Two−wire Serial Programming Interface (CCIS)
• Parallel output, OpenLDI to directly drive displays
• Supports 1−clock or 2−clocks per pixel output modes
• Interface to low−cost Flash or EEPROM through SPI
bus (to configure and load patches, etc.)
• High−level host command interface
• Standalone operation supported
• Up to 7 GPIO
• Fail−safe IO
• Multi−Camera synchronization support
Applications
• Automotive ADAS
• Automotive surround and rear−view
• ADAS + Viewing Fusion
• High dynamic range imaging
• Mirror Replacement (CMS)
Table 1. KEY PARAMETERS
Parameter
Feature
Optical Format
1/4−inch
Maximum Resolution
1280 x 800 (1.0 Mp)
Shutter Type
Electronic Rolling Shutter
(ERS)
Pixel Size
3 mm x 3 mm
Output Interface
Up to 24−bit parallel (Note 1)
Output Formats
RGB888, RGB565, YUV422
8−/10−bit
Control Interface
Two−Wire, Serial Control 100
kHz/1 MHz
Input clock Range
10 − 29 MHz
Maximum Frame Rate
45 fps at 1.0Mp
60 fps at 720p
Output Pixel Clock Maximum
Rate
125 MHz (Note 2)
Max Dynamic Range
93 dB
Packaging Option
8.5 mm x 8.5 mm 143 Pins
iBGA
Operating Temperature Range
[Ambient]
–40°C to 105°C
Supply Voltage
(Nominal)
VDDIO (Host)
1.8 or 2.8 V
VDDIO (Sensor)
1.8 V
VDD (Regulator)
1.8 V
VAA/ Analog
2.8 V
OTPM
2.8 V
Power Consumption
530 mW target [Full−Res 30fps
HDR mode] (Note 3)
1. Maximum frame rates depend on output interface and data for-
mat configuration used.
2. Maximum pixel clock rates depend on IO voltage. Please see ta-
ble 25/ 26 for details.
3. Excluding VDDIO (Host) and VDDIO (Sensor)
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
www.onsemi.com


Số phần tương tự - AS0142AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
AS01 SANKEN-AS01 Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
AS01 SANKEN-AS01 Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Purdy Electronics Corpo...
AS01006-390T PURDY-AS01006-390T Datasheet
97Kb / 1P
Right Angle Socket Rotary DIP Switches
logo
PUI audio inc.
AS01008MR-2-R PUIAUDIO-AS01008MR-2-R Datasheet
777Kb / 3P
10mm diameter speaker with Neodymium magnet for 86 dB sensitivity
logo
Advanced Technical Mate...
AS013-10-1 ATM-AS013-10-1 Datasheet
32Kb / 1P
OUTLINE, ROTARY STEP ATTENUATOR
More results

Mô tả tương tự - AS0142AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
Digital Signal Processor for CIF CMOS Image Cameras
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
Image Signal Processor for Hyundai CMOS Image Sensor
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
Sharp Corporation
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
Digital Signal Processor For VGA/CIF CMOS Image Sensors
logo
ON Semiconductor
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
CMOS Digital Image Sensor
March, 2017 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com