công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AR0134CSSC00SUEAH bảng dữ liệu(PDF) 22 Page - ON Semiconductor

tên linh kiện AR0134CSSC00SUEAH
Giải thích chi tiết về linh kiện  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEAH bảng dữ liệu(HTML) 22 Page - ON Semiconductor

Back Button AR0134CSSC00SUEAH Datasheet HTML 18Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 19Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 20Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 21Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 22Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 23Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 24Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 25Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AR0134CS
www.onsemi.com
22
POWER-ON RESET AND STANDBY TIMING
Power-Up Sequence
The recommended power-up sequence for the AR0134CS
is shown in Figure 19. The available power supplies
(VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA, VAA_PIX)
must have the separation specified below.
1. Turn on VDD_PLL power supply.
2. After 0−10
ms, turn on VAA and VAA_PIX power
supply.
3. After 0−10
ms, turn on VDD_IO power supply.
4. After the last power supply is stable, enable
EXTCLK.
5. If RESET_BAR is in a LOW state, hold
RESET_BAR LOW for at least 1 ms.
If RESET_BAR is in a HIGH state, assert
RESET_BAR for at least 1 ms.
6. Wait 160000 EXTCLKs (for internal initialization
into software standby).
7. Configure PLL, output, and image settings to
desired values.
8. Wait 1 ms for the PLL to lock.
9. Set streaming mode (R0x301a[2] = 1).
Figure 19. Power Up
EXTCLK
VDD_SLVS (0.4)
VAA_PIX
VAA (2.8)
VDD_IO (1.8/2.8)
VDD (1.8)
VDD_PLL (2.8)
t0
t1
t2
t3
t4
t5
t6
tX
Hard
Reset
Internal Ini-
tialization
Software
Standby
PLL Clock
Streaming
RESET_BAR
Table 18. POWER-UP SEQUENCE
Symbol
Definition
Min
Typ
Max
Unit
t0
VDD_PLL to VAA/VAA_PIX
0
10
–
ms
t1
VAA/VAA_PIX to VDD_IO
0
10
–
ms
t2
VDD_IO to VDD
0
10
–
ms
t3
VDD to VDD_SLVS
0
10
–
ms
tX
Xtal Settle Time
–
30 (Note 23)
–
ms
t4
Hard Reset
1 (Note 24)
–
–
ms
t5
Internal Initialization
160000
–
–
EXTCLKs
t6
PLL Lock Time
1
–
–
ms
23. Xtal settling time is component-dependent, usually taking about 10–100 ms.
24. Hard reset time is the minimum time required after power rails are settled. In a circuit where hard reset is held down by RC circuit, then the
RC time must include the all power rail settle time and Xtal settle time.
25. It is critical that VDD_PLL is not powered up after the other power supplies. It must be powered before or at least at the same time as the
others. If the case happens that VDD_PLL is powered after other supplies then the sensor may have functionality issues and will experience
high current draw on this supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com