| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THCV233 bảng dữ liệu(PDF) 14 Page - THine Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
THCV233 bảng dữ liệu(HTML) 14 Page - THine Electronics, Inc. |
|
14 / 34 page ![]() H (8bit) L (10bit) TLA[0] RLA[0] R[2] R[4] D2 TLA[1] RLA[1] R[3] R[5] D3 TLA[2] RLA[2] R[4] R[6] D4 TLA[3] RLA[3] R[5] R[7] D5 TLA[4] RLA[4] R[6] R[8] D6 TLA[5] RLA[5] R[7] R[9] D7 TLA[6] RLA[6] G[2] G[4] D10 TLB[0] RLB[0] G[3] G[5] D11 TLB[1] RLB[1] G[4] G[6] D12 TLB[2] RLB[2] G[5] G[7] D13 TLB[3] RLB[3] G[6] G[8] D14 TLB[4] RLB[4] G[7] G[9] D15 TLB[5] RLB[5] B[2]*2 B[4]*2 D18 TLB[6] RLB[6] B[3]*2 B[5]*2 D19 TLC[0] RLC[0] B[4]*2 B[6]*2 D20 TLC[1] RLC[1] B[5]*2 B[7]*2 D21 TLC[2] RLC[2] B[6]*2 B[8]*2 D22 TLC[3] RLC[3] B[7]*2 B[9]*2 D23 TLC[4] RLC[4] HSYNC HSYNC Hsync TLC[5] RLC[5] VSYNC VSYNC Vsync TLC[6] RLC[6] DE DE DE TLD[0] RLD[0] R[0] R[2] D0 TLD[1] RLD[1] R[1] R[3] D1 TLD[2] RLD[2] G[0] G[2] D8 TLD[3] RLD[3] G[1] G[3] D9 TLD[4] RLD[4] B[0]*2 B[2]*2 D16 TLD[5] RLD[5] B[1]*2 B[3]*2 D17 TLD[6] RLD[6] N/A*1 CONT[1]*2*3 D25*3 TLE[0] RLE[0] R[0]*2 D30 TLE[1] RLE[1] R[1]*2 D31 TLE[2] RLE[2] G[0]*2 D28 TLE[3] RLE[3] G[1]*2 D29 TLE[4] RLE[4] B[0]*2 D26 TLE[5] RLE[5] B[1]*2 D27 TLE[6] RLE[6] CONT[2]*2*3 D24*3 *1 N/A: Not available, THCV234 output RLDn[6]=Low. *2 CTL bits, which are carried during DE=Low except the 1st and the last pixel *3 3D flags defined in the V-by-One® HS Standard are assigned to the following bit. V-by-One® HS Standard Packer/Unpacker D[24](3DLR) <=> LVDS T/RLE[6] V-by-One® HS Standard Packer/Unpacker D[25](3DEN) <=> LVDS T/RLD[6] Channel Power Down THCV233 Input THCV234 Output COL Symbol defined by V-by-One® HS |