| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
YB215CWCPG01-12-CB bảng dữ liệu(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
YB215CWCPG01-12-CB bảng dữ liệu(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
8 / 13 page ![]() Series YB2 Panel Seal Pushbuttons D125 D www.nkkswitches.com Depending on the design and the color of ink used, the legend may be visible when it is not illuminated. It is recommended that the legend be clear and without ink in order to achieve the maximum visibility when the cap is illuminated. With Illumination Without Illumination Unbrushed Chrome/White Cap with Lens/Diffuser Images appear the color of the LED when lit. Contact factory for other legends options. Legend illustrations are approximate representations of the actual images on the caps. Standard Legends for Unbrushed Chrome Caps Round or Square Cap Bright or Super Bright LED Round or Square Cap Bright or Super Bright LED Round or Square Cap Bright or Super Bright LED 001 002 003 Round or Square Cap Bright or Super Bright LED Round or Square Cap Bright or Super Bright LED 004 005 |