| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AH0015CD bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
AH0015CD bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 6 page ![]() Analog Switch Characteristics (Note 2) RON vs Temperature RON vs Temperature RON vs Temperature CIN vs VIN Leakage vs VIN (Channel ‘‘OFF’’) Driver Gate VIN vs VOUT TLK10125 – 6 Schematic (Single Driver Gate and MOS Switch Shown) TLK10125 – 7 Selecting Power Supply Voltage The graph shows the boundary conditions which must be used for proper operation of the unit The range of operation for power supply Vb is shown on the X axis It must be between b25V and b8V The allowable range for power supply Va is governed by supply Vb With a value chosen for Vb Va may be selected as any value along a vertical line passing through the Vb value and terminated by the boundaries of the operating region A voltage difference be- tween power supplies of at least 5V should be maintained for adequate signal swing Analog Switching Time Test Circuit TLK10125 – 8 TLK10125 – 9 TLK10125 – 10 3 |