| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
YB225CWCKG01-05-JS bảng dữ liệu(PDF) 13 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
YB225CWCKG01-05-JS bảng dữ liệu(HTML) 13 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
13 / 13 page ![]() Series YB2 Panel Seal Pushbuttons D130 D www.nkkswitches.com Recommended Methods: Laser Etch on clear cap, Screen Print or Pad Print on cap. Epoxy based ink is recommended. For Caps AT3017, AT3018, and AT3019 LEDs are electrostatic sensitive devices. When installing and handling LEDs, use an electrostatic protected work station to prevent LED damage. HANDLING & PRECAUTIONS LEGENDS For Cap AT3020 (with clear ring for illumination) ATTENTION ELECTROSTATIC SENSITIVE DEVICES NKK Switches can provide custom legends for caps. Contact factory for more information. Suggested Printable Area for Film Inserts Film Material and Thickness: Clear Polyester, 4 mil max. Recommended Method: Screen Print; Epoxy based ink is recommended For Caps AT3025 and AT3027 Shaded areas are printable areas. Shaded areas are printable areas. Suggested Printable Area for YB2 Caps (17.48) Dia .688 (19.0) Dia .748 (0.76) Typ .030 (19.0) Dia .748 (1.56) Typ .062 (15.88) Dia .625 (18.0) Sq .709 (16.48) Sq .649 (0.76) Typ .030 (17.4) .685 (15.88) .625 (0.76) Typ .030 (16.3) .642 (14.78) .582 (0.6) R Typ .024 +0.1 –0.0 (1.2) Typ .047 +0.1 –0.1 +0.08 –0.1 (14.88) Sq .586 (0.76) Typ .030 (0.5) R .020 (16.4) Sq .646 +0.0 –0.1 |