| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9857/PCB bảng dữ liệu(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9857/PCB bảng dữ liệu(HTML) 26 Page - Analog Devices |
|
26 / 41 page ![]() AD9857 Rev. C| Page 25 of 40 SDO 1ST BIT 2ND BIT SDIO tDV CS SCLK SYMBOL DEFINITION MAX tDV DATA VALID TIME 30ns Figure 28. Timing Diagram for Data Read from AD9857 I7 SDIO INSTRUCTION CYCLE DATA TRANSFER CYCLE SCLK CS I6 I5 I4 I3 I2 I1 I0 D7 D6 D5 D4 D3 D2 D1 D0 Figure 29. Serial Port Writing Timing—Clock Stall Low DO7 INSTRUCTION CYCLE DATA TRANSFER CYCLE DON'T CARE I7 I6 I5 I4 I3 I2 I1 I0 SDIO SCLK CS SDO DO6 DO5 DO4 DO3 DO2 DO1 DO0 Figure 30. 3-Wire Serial Port Read Timing—Clock Stall Low I7 SDIO INSTRUCTION CYCLE DATA TRANSFER CYCLE SCLK CS I6 I5 I4 I3 I2 I1 I0 D7 D6 D5 D4 D3 D2 D1 D0 Figure 31. Serial Port Write Timing—Clock Stall High I7 SDIO INSTRUCTION CYCLE DATA TRANSFER CYCLE SCLK CS I6 I5 I4 I3 I2 I1 I0 DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 Figure 32. 2-Wire Serial Port Read Timing—Clock Stall High |