công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD2S83AP bảng dữ liệu(PDF) 19 Page - Analog Devices

tên linh kiện AD2S83AP
Giải thích chi tiết về linh kiện  Variable Resolution, Resolver-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD2S83AP bảng dữ liệu(HTML) 19 Page - Analog Devices

Back Button AD2S83AP Datasheet HTML 12Page - Analog Devices AD2S83AP Datasheet HTML 13Page - Analog Devices AD2S83AP Datasheet HTML 14Page - Analog Devices AD2S83AP Datasheet HTML 15Page - Analog Devices AD2S83AP Datasheet HTML 16Page - Analog Devices AD2S83AP Datasheet HTML 17Page - Analog Devices AD2S83AP Datasheet HTML 18Page - Analog Devices AD2S83AP Datasheet HTML 19Page - Analog Devices AD2S83AP Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD2S83
REV. E
–18–
APPLICATIONS
Control Transformer
The ratio multiplier of the AD2S83 can be used independently
of the loop integrators as a control transformer. In this mode,
the resolver inputs
θ are multiplied by a digital angle φ, any
difference between
φ and θ will be represented by the AC
ERROR output as Sin
ωt sin (θ–φ) or the DEMOD output
as sin (
θ–φ). To use the AD2S83 in this mode refer to the
“Control Transformer” application note.
OTHER PRODUCT
AD2S90. Low-cost resolver-to-digital converter with outputs
which emulate optical encoders and a serial output for absolute
position information. Unlike the AD2S83, the AD2S90 requires
no external components to operate. The AD2S90 is built on
LC
2MOS and packaged in a 20-lead PLCC.
AD2S80A/AD2S81A/AD2S82A. Monolithic resolver-to-digital
converter. The AD2S80/AD2S82A offer selectable 10, 12, 14,
16 bits of resolution. The AD2S81A has 12-bit resolution. All
devices have user selectable dynamics. The AD2S80A is available
in 40-lead DDIP, 44-lead LCC and is qualified to MIL-STD-
883B REV. E. The is available in a 44-lead PLCC, and the
AD2S81A in a 28-lead DDIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20